Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F14K22-E/ML Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC18F14K22-E/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F14K22-E/ML Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC18F14K22-E/ML Datasheet HTML 45Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 46Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 47Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 48Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 49Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 50Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 51Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 52Page - Microchip Technology PIC18F14K22-E/ML Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 388 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41365D-page 49
PIC18F1XK22/LF1XK22
4.0
FLASH PROGRAM MEMORY
The Flash program memory is readable, writable and
erasable during normal operation over the entire VDD
range.
A read from program memory is executed one byte at
a time. A write to program memory is executed on
blocks of 16 or 8 bytes at a time depending on the spe-
cific device (See Table 4-1). Program memory is
erased in blocks of 64 bytes at a time. The difference
between the write and erase block sizes requires from
4 to 8 block writes to restore the contents of a single
block erase. A bulk erase operation can not be issued
from user code.
TABLE 4-1:
WRITE/ERASE BLOCK SIZES
Writing or erasing program memory will cease
instruction fetches until the operation is complete. The
program memory cannot be accessed during the write
or erase, therefore, code cannot execute. An internal
programming timer terminates program memory writes
and erases.
A value written to program memory does not need to be
a valid instruction. Executing a program memory
location that forms an invalid instruction results in a
NOP.
4.1
Table Reads and Table Writes
In order to read and write program memory, there are
two operations that allow the processor to move bytes
between the program memory space and the data RAM:
• Table Read (TBLRD)
• Table Write (TBLWT)
The program memory space is 16 bits wide, while the
data RAM space is 8 bits wide. Table reads and table
writes move data between these two memory spaces
through an 8-bit register (TABLAT).
The table read operation retrieves one byte of data
directly from program memory and places it into the
TABLAT register. Figure 4-1 shows the operation of a
table read.
The table write operation stores one byte of data from the
TABLAT register into a write block holding register. The
procedure to write the contents of the holding registers
into program memory is detailed in Section 4.5 “Writing
to Flash Program Memory”. Figure 4-2 shows the
operation of a table write with program memory and data
RAM.
Table operations work with byte entities. Tables contain-
ing data, rather than program instructions, are not
required to be word aligned. Therefore, a table can start
and end at any byte address. If a table write is being
used to write executable code into program memory,
program instructions will need to be word aligned.
FIGURE 4-1:
TABLE READ OPERATION
Device
Write Block
Size (bytes)
Erase Block
Size (bytes)
PIC18F13K22/LF13K22
8
64
PIC18F14K22/LF14K22
16
64
Table Pointer(1)
Table Latch (8-bit)
Program Memory
TBLPTRH
TBLPTRL
TABLAT
TBLPTRU
Instruction: TBLRD*
Note 1: Table Pointer register points to a byte in program memory.
Program Memory
(TBLPTR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com