Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F47J13 Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC18F47J13
Description  28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F47J13 Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC18F47J13 Datasheet HTML 52Page - Microchip Technology PIC18F47J13 Datasheet HTML 53Page - Microchip Technology PIC18F47J13 Datasheet HTML 54Page - Microchip Technology PIC18F47J13 Datasheet HTML 55Page - Microchip Technology PIC18F47J13 Datasheet HTML 56Page - Microchip Technology PIC18F47J13 Datasheet HTML 57Page - Microchip Technology PIC18F47J13 Datasheet HTML 58Page - Microchip Technology PIC18F47J13 Datasheet HTML 59Page - Microchip Technology PIC18F47J13 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 558 page
background image
PIC18F47J13 FAMILY
DS39974A-page 56
Preliminary
 2010 Microchip Technology Inc.
4.6.2
I/O PINS DURING DEEP SLEEP
During Deep Sleep, the general purpose I/O pins will
retain their previous states.
Pins that are configured as inputs (TRISx bit set) prior
to entry into Deep Sleep will remain high-impedance
during Deep Sleep.
Pins that are configured as outputs (TRISx bit clear)
prior to entry into Deep Sleep will remain as output pins
during Deep Sleep. While in this mode, they will drive
the output level determined by their corresponding LAT
bit at the time of entry into Deep Sleep.
When the device wakes back up, the I/O pin behavior
depends on the type of wake up source.
If the device wakes back up by an RTCC alarm, INT0
interrupt, DSWDT or ULPWU event, all I/O pins will
continue to maintain their previous states, even after the
device has finished the POR sequence and is executing
application code again. Pins configured as inputs during
Deep Sleep will remain high-impedance, and pins
configured as outputs will continue to drive their previous
value.
After waking up, the TRIS and LAT registers will be
reset, but the I/O pins will still maintain their previous
states. If firmware modifies the TRIS and LAT values
for the I/O pins, they will not immediately go to the
newly configured states. Once the firmware clears the
RELEASE bit (DSCONL<0>), the I/O pins will be
“released”. This causes the I/O pins to take the states
configured by their respective TRIS and LAT bit values.
If the Deep Sleep BOR (DSBOR) circuit is enabled, and
VDD drops below the DSBOR and VDD rail POR thresh-
olds, the I/O pins will be immediately released similar to
clearing the RELEASE bit. All previous state informa-
tion will be lost, including the general purpose DSGPR0
and DSGPR1 contents. See Section 4.6.5 “Deep
Sleep Brown-out Reset (DSBOR)”
for additional
details regarding this scenario.
If a MCLR Reset event occurs during Deep Sleep, the
I/O pins will also be released automatically, but in this
case, the DSGPR0 and DSGPR1 contents will remain
valid.
In all other Deep Sleep wake-up cases, application
firmware needs to clear the RELEASE bit in order to
reconfigure the I/O pins.
4.6.3
DEEP SLEEP WAKE-UP SOURCES
The device can be awakened from Deep Sleep mode by
a MCLR, POR, RTCC, INT0 I/O pin interrupt, DSWDT or
ULPWU event. After waking, the device performs a
POR. When the device is released from Reset, code
execution will begin at the device’s Reset vector.
The software can determine if the wake-up was caused
from an exit from Deep Sleep mode by reading the DS
bit (WDTCON<3>). If this bit is set, the POR was
caused by a Deep Sleep exit. The DS bit must be
manually cleared by the software.
The software can determine the wake event source by
reading the DSWAKEH and DSWAKEL registers.
When the application firmware is done using the
DSWAKEH and DSWAKEL status registers, individual
bits do not need to be manually cleared before entering
Deep Sleep again. When entering Deep Sleep mode,
these registers are automatically cleared.
4.6.3.1
Wake-up Event Considerations
Deep Sleep wake-up events are only monitored while
the processor is fully in Deep Sleep mode. If a wake-up
event occurs before Deep Sleep mode is entered, the
event status will not be reflected in the DSWAKE
registers. If the wake-up source asserts prior to entering
Deep Sleep, the CPU will either go to the interrupt vector
(if the wake source has an interrupt bit and the interrupt
is fully enabled) or will abort the Deep Sleep entry
sequence by executing past the SLEEP instruction, if the
interrupt was not enabled. In this case, a wake-up event
handler should be placed after the SLEEP instruction to
process the event and re-attempt entry into Deep Sleep
if desired.
When the device is in Deep Sleep with more than one
wake-up source simultaneously enabled, only the first
wake-up source to assert will be detected and logged
in the DSWAKEH/DSWAKEL status registers.
4.6.4
DEEP SLEEP WATCHDOG TIMER
(DSWDT)
Deep Sleep has its own dedicated WDT (DSWDT) with
a postscaler for time-outs of 2.1 ms to 25.7 days,
configurable through the bits, DSWDTPS<3:0>.
The DSWDT can be clocked from either the INTRC or
the T1OSC/T1CKI input. If the T1OSC/T1CKI source
will be used with a crystal, the T1OSCEN bit in the
T1CON register needs to be set prior to entering Deep
Sleep. The reference clock source is configured through
the DSWDTOSC bit.
DSWDT is enabled through the DSWDTEN bit. Entering
Deep Sleep mode automatically clears the DSWDT. See
Section 27.0 “Special Features of the CPU”
for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com