Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8115 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPC8115
Description  Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8115 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPC8115 Datasheet HTML 1Page - Toshiba Semiconductor TPC8115 Datasheet HTML 2Page - Toshiba Semiconductor TPC8115 Datasheet HTML 3Page - Toshiba Semiconductor TPC8115 Datasheet HTML 4Page - Toshiba Semiconductor TPC8115 Datasheet HTML 5Page - Toshiba Semiconductor TPC8115 Datasheet HTML 6Page - Toshiba Semiconductor TPC8115 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPC8115
2006-11-15
3
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±8 V, VDS = 0 V
⎯
⎯
±10
µA
Drain cut-OFF current
IDSS
VDS = −20 V, VGS = 0 V
⎯
⎯
−10
µA
V (BR) DSS
ID = −10 mA, VGS = 0 V
−20
⎯
⎯
Drain-source breakdown voltage
V (BR) DSX
ID = −10 mA, VGS = 8 V
−4
⎯
⎯
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −200μA
−0.5
⎯
−1.2
V
VGS = −1.8 V, ID = −5.0 A
⎯
15
30
VGS = −2.5 V, ID = −5.0A
⎯
9.0
14
Drain-source ON resistance
RDS (ON)
VGS = −4.5 V, ID = −5.0 A
⎯
6.5
10
m
Ω
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −5.0 A
20
40
⎯
S
Input capacitance
Ciss
⎯
9130
⎯
Reverse transfer capacitance
Crss
⎯
1020
⎯
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
⎯
1110
⎯
pF
Rise time
tr
⎯
14
⎯
Turn-ON time
ton
⎯
26
⎯
Fall time
tf
⎯
228
⎯
Switching time
Turn-OFF time
toff
Duty <= 1%, tw = 10 µs
⎯
666
⎯
ns
Total gate charge
(gate-source plus gate-drain)
Qg
⎯
115
⎯
Gate-source charge 1
Qgs1
⎯
18
⎯
Gate-drain (“miller”) charge
Qgd
VDD ∼− −16 V, VGS =− 5 V,
ID = −10 A
⎯
34
⎯
nC
Source-Drain Ratings and Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse
current
Pulse
(Note 1)
IDRP
⎯
⎯
⎯
−40
A
Forward voltage (diode)
VDSF
IDR = −10 A, VGS = 0 V
⎯
⎯
1.2
V
VDD ∼− −10 V
0 V
VGS
−5 V
ID = −5 A
VOUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com