Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCS8303 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCS8303
Description  Lithium Ion Battery Applications Notebook PC Applications Portable Machines and Tools
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8303 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCS8303 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8303 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8303 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8303 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8303 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8303 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8303 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPCS8303
2009-09-29
2
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Single-device operation
(Note 3a)
Rth (ch-a) (1)
114
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2a) Single-device value at
dual operation
(Note 3b)
Rth (ch-a) (2)
167
°C/W
Single-device operation
(Note 3a)
Rth (ch-a) (1)
208
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2b) Single-device value at
dual operation
(Note 3b)
Rth (ch-a) (2)
357
°C/W
Marking (Note 6)
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: a) Device mounted on a glass-epoxy board (a)
b) Device mounted on a glass-epoxy board (b)
(a)
(b)
Note 3: a) The power dissipation and thermal resistance values are shown for a single device
(During single-device operation, power is only applied to one device.)
b) The power dissipation and thermal resistance values are shown for a single device
(During dual operation, power is evenly applied to both devices.)
Note 4: VDD = −16 V, Tch = 25°C, L = 500 μH, IAR = −5 A, RG = 25 Ω
Note 5: Repetitive rating: pulse width limited by max channel temperature
Note 6: ○ on the lower left of the marking indicates Pin 1.
Note 7: A line under a Lot No. identifies the indication of product Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27
January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
※
Weekly code:
(Three digits)
Week of manufacture
(01 for first week of year, continuing up to 52 or 53)
Year of manufacture
(The last digit of the calendar year)
FR-4
25.4
× 25.4 × 0.8
(unit: mm)
FR-4
25.4
× 25.4 × 0.8
(unit: mm)
S8303
Lot No.
(weekly code)
Note 7
Part No. (or abbreviation code)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com