Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F16KA102 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC24F16KA102
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC24F16KA102 Datasheet HTML 7Page - Microchip Technology PIC24F16KA102 Datasheet HTML 8Page - Microchip Technology PIC24F16KA102 Datasheet HTML 9Page - Microchip Technology PIC24F16KA102 Datasheet HTML 10Page - Microchip Technology PIC24F16KA102 Datasheet HTML 11Page - Microchip Technology PIC24F16KA102 Datasheet HTML 12Page - Microchip Technology PIC24F16KA102 Datasheet HTML 13Page - Microchip Technology PIC24F16KA102 Datasheet HTML 14Page - Microchip Technology PIC24F16KA102 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 9
PIC24F16KA102 FAMILY
TABLE 1-1:
DEVICE FEATURES FOR THE PIC24F16KA102 FAMILY
Features
Operating Frequency
DC – 32 MHz
Program Memory (bytes)
8K
16K
8K
16K
Program Memory (instructions)
2816
5632
2816
5632
Data Memory (bytes)
1536
Data EEPROM Memory (bytes)
512
Interrupt Sources (soft vectors/NMI traps)
30 (26/4)
I/O Ports
PORTA<6:0>
PORTB<15:12, 9:7, 4, 2:0>
PORTA<7:0>
PORTB<15:0>
Total I/O Pins
18
24
Timers: Total Number (16-bit)
32-Bit (from paired 16-bit timers)
3
1
Input Capture Channels
1
Output Compare/PWM Channels
1
Input Change Notification Interrupt
17
23
Serial Communications: UART
SPI (3-wire/4-wire)
I2C™
2
1
1
10-Bit Analog-to-Digital Module (input channels)
9
Analog Comparators
2
Resets (and delays)
POR, BOR, RESET Instruction, MCLR, WDT, Illegal Opcode,
REPEAT
Instruction, Hardware Traps, Configuration Word
Mismatch (PWRT, OST, PLL Lock)
Instruction Set
76 Base Instructions, Multiple Addressing Mode Variations
Packages
20-Pin PDIP/SSOP/SOIC/QFN 28-Pin SPDIP/SSOP/SOIC/QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com