Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1826S-0802E/EB Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1826S-0802E/EB
Description  1000 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1826S-0802E/EB Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1826S-0802E/EB Datasheet HTML 3Page - Microchip Technology MCP1826S-0802E/EB Datasheet HTML 4Page - Microchip Technology MCP1826S-0802E/EB Datasheet HTML 5Page - Microchip Technology MCP1826S-0802E/EB Datasheet HTML 6Page - Microchip Technology MCP1826S-0802E/EB Datasheet HTML 7Page - Microchip Technology MCP1826S-0802E/EB Datasheet HTML 8Page - Microchip Technology MCP1826S-0802E/EB Datasheet HTML 9Page - Microchip Technology MCP1826S-0802E/EB Datasheet HTML 10Page - Microchip Technology MCP1826S-0802E/EB Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
© 2007 Microchip Technology Inc.
DS22057A-page 7
MCP1826/MCP1826S
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VIN....................................................................................6.5V
Maximum Voltage on Any Pin .. (GND – 0.3V) to (VDD + 0.3)V
Maximum Power Dissipation......... Internally-Limited (Note 6)
Output Short Circuit Duration................................ Continuous
Storage temperature .....................................-65°C to +150°C
Maximum Junction Temperature, TJ ........................... +150°C
ESD protection on all pins (HBM/MM)
........... ≥ 4kV; ≥ 300V
† Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
AC/DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VIN = VOUT(MAX) + VDROPOUT(MAX), Note 1, VR=1.8V for Adjustable Output,
IOUT = 1 mA, CIN = COUT = 4.7 µF (X7R Ceramic), TA = +25°C.
Boldface type applies for junction temperatures, TJ (Note 7) of -40°C to +125°C
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Operating Voltage
VIN
2.3
6.0
V
Note 1
Input Quiescent Current
Iq
—
120
220
µA
IL = 0 mA, VOUT = 0.8V to
5.0V
Input Quiescent Current for
SHDN Mode
ISHDN
—0.1
3
µA
SHDN = GND
Maximum Output Current
IOUT
1000
——
mA
VIN = 2.3V to 6.0V
VR = 0.8V to 5.0V, Note 1
Line Regulation
ΔVOUT/
(VOUT x ΔVIN)
—
±0.05
±0.20
%/V
(Note 1)
≤ VIN ≤ 6V
Load Regulation
ΔVOUT/VOUT
-1.0
±0.5
1.0
%IOUT = 1 mA to 1000 mA,
(Note 4)
Output Short Circuit Current
IOUT_SC
—2.2
—
A
RLOAD <0.1Ω, Peak Current
Adjust Pin Characteristics (Adjustable Output Only)
Adjust Pin Reference Voltage
VADJ
0.402
0.410
0.418
VVIN = 2.3V to VIN =6.0V,
IOUT = 1 mA
Adjust Pin Leakage Current
IADJ
-10
±0.01
+10
nA
VIN = 6.0V, VADJ =0Vto6V
Adjust Temperature Coefficient
TCVOUT
—
40
—
ppm/°C Note 3
Fixed-Output Characteristics (Fixed Output Only)
Voltage Regulation
VOUT
VR - 2.5% VR ±0.5% VR + 2.5%
V
Note 2
Note 1:
The minimum VIN must meet two conditions: VIN ≥ 2.3V and VIN ≥ VOUT(MAX) + VDROPOUT(MAX).
2:
VR is the nominal regulator output voltage for the fixed cases. VR = 1.2V, 1.8V, etc. VR is the desired set point output
voltage for the adjustable cases. VR = VADJ * ((R1/R2)+1). Figure 4-1.
3:
TCVOUT = (VOUT-HIGH – VOUT-LOW) *106 / (VR * ΔTemperature). VOUT-HIGH is the highest voltage measured over the
temperature range. VOUT-LOW is the lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is
tested over a load range from 1 mA to the maximum specified output current.
5:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2% below its
nominal value that was measured with an input voltage of VIN = VOUT(MAX) + VDROPOUT(MAX).
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction to air. (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation will cause the device operating junction temperature to exceed the maximum +150°C rating. Sustained
junction temperatures above 150°C can impact device reliability.
7:
The junction temperature is approximated by soaking the device under test at an ambient temperature equal to the
desired junction temperature. The test time is small enough such that the rise in the junction temperature over the
ambient temperature is not significant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com