Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F16KA101-I/SS Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC24F16KA101-I/SS
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/SS Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC24F16KA101-I/SS Datasheet HTML 17Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 18Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 19Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 20Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 21Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 22Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 23Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 24Page - Microchip Technology PIC24F16KA101-I/SS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 19
PIC24F16KA102 FAMILY
3.0
CPU
The PIC24F CPU has a 16-bit (data) modified Harvard
architecture with an enhanced instruction set and a
24-bit instruction word with a variable length opcode
field. The Program Counter (PC) is 23 bits wide and
addresses up to 4M instructions of user program
memory space. A single-cycle instruction prefetch
mechanism is used to help maintain throughput and
provides predictable execution. All instructions execute
in a single cycle, with the exception of instructions that
change the program flow, the double-word move
(MOV.D) instruction and the table instructions.
Overhead-free program loop constructs are supported
using the REPEAT instructions, which are interruptible
at any point.
PIC24F devices have sixteen, 16-bit working registers
in the programmer’s model. Each of the working
registers can act as a data, address or address offset
register. The 16th working register (W15) operates as a
Software Stack Pointer (SSP) for interrupts and calls.
The upper 32 Kbytes of the data space memory map
can optionally be mapped into program space at any
16K word boundary of either program memory or data
EEPROM memory defined by the 8-bit Program Space
Visibility Page Address (PSVPAG) register. The
program to data space mapping feature lets any
instruction access program space as if it were data
space.
The Instruction Set Architecture (ISA) has been
significantly enhanced beyond that of the PIC18, but
maintains
an
acceptable
level
of
backward
compatibility. All PIC18 instructions and addressing
modes are supported, either directly, or through simple
macros. Many of the ISA enhancements have been
driven by compiler efficiency needs.
The core supports Inherent (no operand), Relative,
Literal, Memory Direct and three groups of addressing
modes. All modes support Register Direct and various
Register Indirect modes. Each group offers up to seven
addressing modes. Instructions are associated with
predefined addressing modes depending upon their
functional requirements.
For most instructions, the core is capable of executing
a data (or program data) memory read, a working
register (data) read, a data memory write and a
program (instruction) memory read per instruction
cycle. As a result, three parameter instructions can be
supported, allowing trinary operations (that is,
A + B = C) to be executed in a single cycle.
A high-speed, 17-bit by 17-bit multiplier has been
included to significantly enhance the core arithmetic
capability and throughput. The multiplier supports
Signed, Unsigned and Mixed mode, 16-bit by 16-bit or
8-bit by 8-bit integer multiplication. All multiply
instructions execute in a single cycle.
The 16-bit ALU has been enhanced with integer divide
assist hardware that supports an iterative non-restoring
divide algorithm. It operates in conjunction with the
REPEAT
instruction looping mechanism and a selection
of iterative divide instructions to support 32-bit (or
16-bit), divided by 16-bit integer signed and unsigned
division. All divide operations require 19 cycles to
complete but are interruptible at any cycle boundary.
The PIC24F has a vectored exception scheme with up
to eight sources of non-maskable traps and up to
118 interrupt sources. Each interrupt source can be
assigned to one of seven priority levels.
A block diagram of the CPU is illustrated in Figure 3-1.
3.1
Programmer’s Model
Figure 3-2 displays the programmer’s model for the
PIC24F. All registers in the programmer’s model are
memory mapped and can be manipulated directly by
instructions.
Table 3-1 provides a description of each register. All
registers associated with the programmer’s model are
memory mapped.
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information on the CPU,
refer to the “PIC24F Family Reference
Manual”
, Section 2. “CPU” (DS39703).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com