Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C165SW Datasheet(PDF) 7 Page - Microchip Technology

Part # RE46C165SW
Description  CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C165SW Datasheet(HTML) 7 Page - Microchip Technology

Back Button RE46C165SW Datasheet HTML 3Page - Microchip Technology RE46C165SW Datasheet HTML 4Page - Microchip Technology RE46C165SW Datasheet HTML 5Page - Microchip Technology RE46C165SW Datasheet HTML 6Page - Microchip Technology RE46C165SW Datasheet HTML 7Page - Microchip Technology RE46C165SW Datasheet HTML 8Page - Microchip Technology RE46C165SW Datasheet HTML 9Page - Microchip Technology RE46C165SW Datasheet HTML 10Page - Microchip Technology RE46C165SW Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
 2010 Microchip Technology Inc.
DS22251A-page 7
RE46C165/6/7/8
AC ELECTRICAL CHARACTERISTICS
AC Electrical Characteristics:
Unless otherwise indicated, all parameters apply at TA = -25° to 75°, VDD = 9V,
Typical Application (unless otherwise noted), VSS = 0V.
Parameter
Symbol
Test
Pin
Min
Typ
Max
Units
Clocks
Conditions
Oscillator Time Base (COSC, ROSC)
Oscillator Period
TPOSC
9
9.38
10.42 11.46
ms
1
Operating, Note 1
Oscillator Tolerance
TTOLOSC
9
-10
0
10
%
1
Operating
LED Indication (LED)
LED On Time
TON1
11
9.4
10.4
11.5
ms
1
Operating
LED Period
TPLED0
11
LED IS NOT ON
s
—
Remote alarm only
TPLED1
11
38
43
47
s
4096
Standby, no alarm
TPLED2
11
450
500
550
ms
48
Local alarm condition
TPLED3
11
9.6
10.7
11.7
s
1024
Timer mode, no local alarm
TPLED4
11
225
250
275
ms
24
Timer mode, no local alarm
Alarm Memory LED
Pulse Train (3x)
Off Time
TOFLED
11
1.2
1.3
1.5
s
127
Alarm memory set,
LED enabled
Alarm Memory LED
Timer Period
TLALED
11
21.5
23.9
26.3
Hours 8257536 Alarm memory set
Detection (STROBE, IRED)
STROBE On Time
TSTON
4
9.4
10.4
11.5
ms
1
Smoke test,
Chamber test
IRED On Time
TIRON
6
94
104
114
µs
0.01
Operating/DIAG, Note 1
Note 1:
TPOSC and TIRON are 100% production tested. All other timing is verified by functional testing.
2:
See timing diagram for Horn Temporal Pattern in Figure 3-2.
3:
See timing diagram for Horn Continuous Pattern in Figure 3-3.
4:
During Timer mode, the LED Period is 10.5 seconds. The LED period will return to 43 seconds at the
conclusion of the Timer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com