Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3958 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3958
Description  High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3958 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3958 Datasheet HTML 17Page - Linear Technology LT3958 Datasheet HTML 18Page - Linear Technology LT3958 Datasheet HTML 19Page - Linear Technology LT3958 Datasheet HTML 20Page - Linear Technology LT3958 Datasheet HTML 21Page - Linear Technology LT3958 Datasheet HTML 22Page - Linear Technology LT3958 Datasheet HTML 23Page - Linear Technology LT3958 Datasheet HTML 24Page - Linear Technology LT3958 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3958
21
3958f
APPLICATIONS INFORMATION
Inverting Converter: Switch Duty Cycle and Frequency
For an inverting converter operating in CCM, the duty cycle
of the main switch can be calculated based on the negative
output voltage (VOUT) and the input voltage (VIN).
The maximum duty cycle (DMAX)occurswhentheconverter
has the minimum input voltage:
DMAX =
VOUT − VD
VOUT − VD − VIN(MIN)
Inverting Converter: Output Diode and Input Capacitor
Selections
The selections of the inductor, output diode and input
capacitor of an inverting converter are similar to those
of the SEPIC converter. Please refer to the corresponding
SEPIC converter sections.
Inverting Converter: Output Capacitor Selection
The inverting converter requires much smaller output
capacitors than those of the boost, flyback and SEPIC
converters for similar output ripples. This is due to the fact
that, in the inverting converter, the inductor L2 is in series
with the output, and the ripple current flowing through the
output capacitors are continuous. The output ripple voltage
is produced by the ripple current of L2 flowing through the
ESR and bulk capacitance of the output capacitor:
ΔVOUT(P–P) =ΔIL2 •ESRCOUT +
1
8• ƒ •COUT
⎛
⎝⎜
⎞
⎠⎟
After specifying the maximum output ripple, the user can
select the output capacitors according to the preceding
equation.
The ESR can be minimized by using high quality X5R or
X7R dielectric ceramic capacitors. In many applications,
ceramic capacitors are sufficient to limit the output volt-
age ripple.
The RMS ripple current rating of the output capacitor
needs to be greater than:
IRMS(COUT) > 0.3 • ΔIL2
Inverting Converter: Selecting the DC Coupling Capacitor
The DC voltage rating of the DC coupling capacitor
(CDC, as shown in Figure 10) should be larger than the
maximum input voltage minus the output voltage (nega-
tive voltage):
VCDC > VIN(MAX) – VOUT
CDC has nearly a rectangular current waveform. During
the switch off-time, the current through CDC is IIN, while
approximately –IO flows during the on-time. The RMS
rating of the coupling capacitor is determined by the fol-
lowing equation:
IRMS(CDC) >IO(MAX) •
DMAX
1−DMAX
A low ESR and ESL, X5R or X7R ceramic capacitor works
well for CDC.
Board Layout
The high power and high speed operation of the LT3958
demands careful attention to board layout and component
placement. Careful attention must be paid to the internal
power dissipation of the LT3958 at high input voltages,
high switching frequencies, and high internal power switch
currents to ensure that a junction temperature of 125°C is
not exceeded. This is especially important when operating
at high ambient temperatures. Exposed pads on the bot-
tom of the package are SGND and SW terminals of the IC,
and must be soldered to a SGND ground plane and a SW
plane respectively. It is recommended that multiple vias
in the printed circuit board be used to conduct heat away
from the IC and into the copper planes with as much as
area as possible.
To prevent radiation and high frequency resonance
problems, proper layout of the components connected
to the IC is essential, especially the power paths with
higher di/dt. The following high di/dt loops of different
topologies should be kept as tight as possible to reduce
inductive ringing:
• In boost configuration, the high di/dt loop contains
the output capacitor, the internal power MOSFET and
the Schottky diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com