Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4401 Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # MMBT4401
Description  SWITCHING TRANSISTOR NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MMBT4401 Datasheet(HTML) 2 Page - Zowie Technology Corporation

  MMBT4401 Datasheet HTML 1Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 2Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 3Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 4Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 5Page - Zowie Technology Corporation MMBT4401 Datasheet HTML 6Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Zowie Technology Corporation
Characteristic
Symbol
Min.
Max.
Unit
ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted) (Continued)
HFE
20
40
80
100
40
-
-
-
300
-
-
ON CHARACTERISTICS
(3)
VCE(sat)
Vdc
DC Current Gain
( IC=0.1 mAdc, VCE=1.0 Vdc )
( IC=1.0 mAdc, VCE=1.0 Vdc )
( IC=10 mAdc, VCE=1.0 Vdc )
( IC=150 mAdc, VCE=1.0 Vdc )
( IC=500 mAdc, VCE=2.0 Vdc )
Collector-Emitter Saturation Voltage
(3)
( IC=150 mAdc, IB=15 mAdc )
( IC=500 mAdc, IB=50 mAdc )
-
-
0.4
0.75
VBE(sat)
Vdc
Base-Emitter Saturation Voltage
(3)
( IC=150 mAdc, IB=15 mAdc )
( IC=500 mAdc, IB=50 mAdc )
0.75
-
0.95
1.2
fT
Ccb
250
-
-
6.5
MHZ
SMALL-SIGNAL CHARACTERISTIC
Ceb
pF
pF
Current-Gain-Bandwidth Product
( IC=20 mAdc, VCE=10 Vdc, f=100 MHZ )
Collector-Base Capacitance
( VCB=5.0 Vdc, IE=0, f=1.0 MHZ )
Emitter-Base Capacitance
( VEB=0.5 Vdc, IC=0, f=1.0 MHZ )
Input Impedance
( VCE=10 Vdc, IC=1.0 mAdc, f=1.0 kHZ )
-
30
hie
k ohms
1.0
15
Voltage Feedback Ratio
( VCE=10 Vdc, IC=1.0 mAdc, f=1.0 kHZ )
hre
X 10
-4
0.1
8.0
Small-Signal Current Gain
( VCE=10 Vdc, IC=1.0 mAdc, f=1.0 kHZ )
hfe
-
40
500
Output Admittance
( VCE=10 Vdc, IC=1.0 mAdc, f=1.0 kHZ )
hoe
u mhos
1.0
30
tr
td
-
15
SWITCHING CHARACTERISTICS
ts
nS
Rise Time
Delay Time
Storage Time
-
20
tf
nS
Fall Time
( VCC=30 Vdc, VBE=2.0 Vdc,
IC=150 mAdc, IB1=15 mAdc )
( VCC=30 Vdc,
IC=150 mAdc, IB1=IB2=15 mAdc )
-
-
225
30
(1) FR-5=1.0 x 0.75 x 0.062in.
(2) Alumina=0.4 x 0.3 x 0.024in. 99.5% alumina.
(3) Pulse Test : Pulse Width
300uS, Duty Cycle
2.0%.
Zowie Technology Corporation
REV. : 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com