Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM0703-3R3-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # HCM0703-3R3-R
Description  High Current, Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HCM0703-3R3-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  HCM0703-3R3-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HCM0703-3R3-R Datasheet HTML 2Page - Cooper Bussmann, Inc. HCM0703-3R3-R Datasheet HTML 3Page - Cooper Bussmann, Inc. HCM0703-3R3-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
T op V iew
Sid e Vie w
B o tto m V ie w
R e c o m m ended P ad Lay o ut
Sc h e m a tic
1
2
P a rt m a rk in g: xxx= Inductance value in uH , R = decim al point, If no R is present then la st digit is # of zeroes
w w lly y = D a te c o de,
R = R e v is ion le v e l
T o le ra nc es are ± 0.3 unle s s other w is e s pec ified.
7.10
±0 .3 0
6.80
±0 .2 0
3.0
ma x .
2.95
±0 .2 0
1.60
±0 .3 0
4.0 ty p.
3.3
2.3
3.0
7.4
7.1
1
2
D
Diim
me
en
ns
siio
on
ns
s -- m
mm
m
U ser direction of feed
1
2
S E CT IO N B -B
BB
7.2
3.8
7.5
S E CT IO N A -A
1.5 dia.
1.75
4.0
A
A
2.0
16.0
±0.3
12.0
3.1
1.5 dia.
7.2
7.5
XXX
w w llyy R
0
10
20
30
40
50
60
0
0 .3
0 .6
0 .9
1 .2
1 .5
Total Loss (W)
Packaging Information - mm
Temperature Rise vs. Total Loss
1209
BU-SB091169
Page 2 of 4
Data Sheet: 4085
Supplied in tape-and-reel packaging, 1,500 parts per reel, 13” diameter reel.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com