Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-USB-APFS-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-USB-APFS-R
Description  WATERPROOF USB A FEMALE, FOR PANEL MOUNTING, 50mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-USB-APFS-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-USB-APFS-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - A-USB-APFS-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USB-A-2P-C ASSMANN-A-USB-A-2P-C Datasheet
177Kb / 1P
Insulation: Glass Filled polyester UL94V-0, Color Black
A-USB-A-2P-C ASSMANN-A-USB-A-2P-C Datasheet
177Kb / 1P
ASS 1360A CO
A-USB-A-3 ASSMANN-A-USB-A-3 Datasheet
154Kb / 1P
ASS 4792 CO
A-USB-A-3P ASSMANN-A-USB-A-3P Datasheet
154Kb / 1P
ASS 4792 CO
A-USB-A-E ASSMANN-A-USB-A-E Datasheet
281Kb / 1P
ASS 1413A CO
More results

Similar Description - A-USB-APFS-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USB-BPFS-R ASSMANN-A-USB-BPFS-R Datasheet
279Kb / 1P
WATERPROOF USB B FEMALE, FOR PANEL MOUNTING, 50mm
A-USB-3 ASSMANN-A-USB-3 Datasheet
41Kb / 1P
USB A MALE-USB B FEMALE
A-USB-1 ASSMANN-A-USB-1 Datasheet
138Kb / 1P
USB B Female <=> USB A Female ADAPTER
logo
PowerDynamics, Inc
PD-SP2112-SX1X POWERDYNAMICS-PD-SP2112-SX1X Datasheet
218Kb / 1P
WATERPROOF FEMALE PANEL CONNECTOR
PD-ST1212-S2 POWERDYNAMICS-PD-ST1212-S2 Datasheet
207Kb / 1P
METAL IP67 WATERPROOF FEMALE FRONT PANEL
PD-SY1712-SX1X POWERDYNAMICS-PD-SY1712-SX1X Datasheet
216Kb / 1P
WATERPROOF FEMALE PANEL CONNECTOR
logo
PHOENIX CONTACT
2200911 PHOENIX-2200911 Datasheet
44Kb / 2P
Mounting foot for panel mounting the HC-ALU panel mounting base
2200912 PHOENIX-2200912 Datasheet
44Kb / 2P
Mounting foot for panel mounting the HC-ALU panel mounting base
2200913 PHOENIX-2200913 Datasheet
43Kb / 2P
Mounting foot for panel mounting the HC-ALU panel mounting base
logo
BELIMO AIRCONTROLS (USA...
SGF24 BELIMO-SGF24 Datasheet
444Kb / 3P
For front-panel mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com