Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # R2000
Description  HIGH VOLTAGE SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

R2000 Datasheet(HTML) 1 Page - Zowie Technology Corporation

  R2000 Datasheet HTML 1Page - Zowie Technology Corporation R2000 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R1200 THRU R2000
HIGH VOLTAGE SILICON RECTIFIER
Reverse Voltage - 1200 to 2000 Volts
Forward Current - 0.2 to 0.5 Amperes
FEATURES
MECHANICAL DATA
* Low cost
* Low leakage
* Low forward voltage drop
* High current capability
Case : JEDEC DO-204AL molded plastic
Epoxy : UL 94V-O rate flame retardant
Lead : MIL-STD-202F method 208C guaranteed
Mounting Position : Any
Weight : 0.35 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum average forward rectified current
at TA=50
o
C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 0.5 / 0.2 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25
o
C
TA=100
o
C
Typical junction capacitance ( NOTE )
Operating junction and storage temperature range
SYMBOLS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
TJ,TSTG
R1200
R1500
R1800
R2000
50
100
200
400
35
70
140
280
0.5
0.2
30
2.0
3.0
5.0
50
30
-65 to +175
UNITS
Volts
Volts
Maximum DC blocking voltage
50
100
200
400
Volts
Volts
Maximum full load reverse current, full cycle
average 0.375" (9.5mm) lead length at TL=75
o
C
IR(AV)
30
uA
Amps
Amps
uA
pF
o
C
Zowie Technology Corporation
REV. : 0
DO-204AL
*Dimensions in inches and (millimeters)
0.107(2.7)
0.034(0.86)
0.028(0.71)
0.080(2.0)
DIA.
DIA.
NOTES : Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts


Similar Part No. - R2000

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R2000 RECTRON-R2000 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
logo
Bytes
R2000 BYTES-R2000 Datasheet
145Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Dc Components
R2000 DCCOM-R2000 Datasheet
330Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE SILICON RECTIFIER
logo
Diodes Incorporated
R2000 DIODES-R2000 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
Formosa MS
R2000 FORMOSA-R2000 Datasheet
30Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
More results

Similar Description - R2000

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B656 EDAL-B656 Datasheet
47Kb / 1P
SILICON HIGH VOLTAGE RECTIFIER
logo
MIC GROUP RECTIFIERS
R1200 MIC-R1200 Datasheet
172Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
SHV03 CHONGQING-SHV03 Datasheet
37Kb / 1P
HIGH VOLTAGE SILICON RECTIFIER
logo
Diotech Company.
R1200 DIOTECH-R1200 Datasheet
833Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Frontier Electronics.
GP02-25-LFR FRONTIER-GP02-25-LFR Datasheet
130Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
R1200 YFWDIODE-R1200 Datasheet
102Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
R1200-DO41 YFWDIODE-R1200-DO41 Datasheet
302Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
R1200-DO-41 YFWDIODE-R1200-DO-41 Datasheet
330Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
TV6 NJSEMI-TV6 Datasheet
48Kb / 2P
High Voltage Silicon Rectifier
logo
Nantong Hornby Electron...
R2500 HORNBY-R2500 Datasheet
198Kb / 3P
HIGH VOLTAGE SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com