Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CCDFA Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F2136CCDFA
Description  RENESAS MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CCDFA Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F2136CCDFA Datasheet HTML 45Page - Renesas Technology Corp R5F2136CCDFA Datasheet HTML 46Page - Renesas Technology Corp R5F2136CCDFA Datasheet HTML 47Page - Renesas Technology Corp R5F2136CCDFA Datasheet HTML 48Page - Renesas Technology Corp R5F2136CCDFA Datasheet HTML 49Page - Renesas Technology Corp R5F2136CCDFA Datasheet HTML 50Page - Renesas Technology Corp R5F2136CCDFA Datasheet HTML 51Page - Renesas Technology Corp R5F2136CCDFA Datasheet HTML 52Page - Renesas Technology Corp R5F2136CCDFA Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
R8C/36C Group
5. Electrical Characteristics
REJ03B0296-0100 Rev.1.00
Page 49 of 56
Apr 14, 2010
Timing requirements
(Unless Otherwise Specified: VCC = 3 V, VSS = 0 V, Topr = 25
°C)
Figure 5.13
External Clock Input Timing Diagram when VCC = 3 V
Figure 5.14
TRAIO Input Timing Diagram when VCC = 3 V
Notes:
1. When using timer RF input capture mode, adjust the cycle time to (1/timer RF count source frequency × 3) or above.
2. When using timer RF input capture mode, adjust the pulse width to (1/timer RF count source frequency × 1.5) or above.
Figure 5.15
TRFI Input Timing Diagram when VCC = 3 V
Table 5.26
External Clock Input (XOUT, XCIN)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(XOUT)
XOUT input cycle time
50
—
ns
tWH(XOUT)
XOUT input “H” width
24
—
ns
tWL(XOUT)
XOUT input “L” width
24
—
ns
tc(XCIN)
XCIN input cycle time
14
—
µs
tWH(XCIN)
XCIN input “H” width
7
—
µs
tWL(XCIN)
XCIN input “L” width
7—
µs
Table 5.27
TRAIO Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TRAIO)
TRAIO input cycle time
300
—
ns
tWH(TRAIO)
TRAIO input “H” width
120
—
ns
tWL(TRAIO)
TRAIO input “L” width
120
—
ns
Table 5.28
TRFI Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TRFI)
TRFI input cycle time
TBD (1)
—ns
tWH(TRFI)
TRFI input “H” width
TBD (2)
—ns
tWL(TRFI)
TRFI input “L” width
TBD (2)
—ns
External clock input
tWH(XOUT),
tWH(XCIN)
tC(XOUT), tC(XCIN)
tWL(XOUT), tWL(XCIN)
VCC = 3 V
TRAIO input
VCC = 3 V
tC(TRAIO)
tWL(TRAIO)
tWH(TRAIO)
tWH(TRFI)
tc(TRFI)
tWL(TRFI)
TRFI input
VCC = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com