Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNA51953AFPH0 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RNA51953AFPH0
Description  Voltage Detecting, System Resetting IC Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51953AFPH0 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RNA51953AFPH0 Datasheet HTML 1Page - Renesas Technology Corp RNA51953AFPH0 Datasheet HTML 2Page - Renesas Technology Corp RNA51953AFPH0 Datasheet HTML 3Page - Renesas Technology Corp RNA51953AFPH0 Datasheet HTML 4Page - Renesas Technology Corp RNA51953AFPH0 Datasheet HTML 5Page - Renesas Technology Corp RNA51953AFPH0 Datasheet HTML 6Page - Renesas Technology Corp RNA51953AFPH0 Datasheet HTML 7Page - Renesas Technology Corp RNA51953AFPH0 Datasheet HTML 8Page - Renesas Technology Corp RNA51953AFPH0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RNA51953A, B
Preliminary
REJ03D0911-0402 Rev.4.02
Page 3 of 10
Apr 01, 2010
Block Diagram
GND
Output
Delay capacitor
–
+
–
1.25 V
R1
R2
25
μA
Typ
5
μA
Typ
A: Built-in Load
B: Open Collector
RNA51953A, B
Power-
supply
Operating Waveform
RNA51953A, B
Output
undefined
4.25 V
0.65 V
H
L
t
t
td
≈ 0.34 × Cd(pF) μs
td
td



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com