Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNA51957AFPH0 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RNA51957AFPH0
Description  Voltage Detecting, System Resetting IC Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51957AFPH0 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RNA51957AFPH0 Datasheet HTML 3Page - Renesas Technology Corp RNA51957AFPH0 Datasheet HTML 4Page - Renesas Technology Corp RNA51957AFPH0 Datasheet HTML 5Page - Renesas Technology Corp RNA51957AFPH0 Datasheet HTML 6Page - Renesas Technology Corp RNA51957AFPH0 Datasheet HTML 7Page - Renesas Technology Corp RNA51957AFPH0 Datasheet HTML 8Page - Renesas Technology Corp RNA51957AFPH0 Datasheet HTML 9Page - Renesas Technology Corp RNA51957AFPH0 Datasheet HTML 10Page - Renesas Technology Corp RNA51957AFPH0 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RNA51957A, B
Preliminary
REJ03D0912-0402 Rev.4.02
Page 7 of 13
Apr 01, 2010
Example of Application Circuit
Reset Circuit of RNA51957
RL
VCC
R1
R2
RNA51957x
RESET
Logic circuit
Input
GND
GND
Delay capacitor
Cd
Power-
supply
Power-
supply
Output
Figure 1 Reset Circuit of RNA51957
Notes: 1. When the detecting supply voltage is 4.25 V, RNA51953 are used. In this case, R1 and R2 are not necessary.
When the voltage is anything except 4.25 V, RNA51957 and RNA51958 are used. In this case, the detecting
supply voltage is 1.25
 (R
1 +R2)/R2 (V) approximately.
The detecting supply voltage can be set between 2 V and 15 V.
2. If a longer delay time is necessary, RNA51953, RNA51957, RNA51958 are used. In this case, the delay
time is about 0.34
 Cd (pF) s.
3. If the RNA51957 and the logic circuit share a common power source, type A (built-in load type) can be used
whether a pull-up resistor is included in the logic circuit or not.
4. The logic circuit preferably should not have a pull-down resistor, but if one is present, add load resistor RL to
overcome the pull-down resistor.
5. When the reset terminal in the logic circuit is of the low reset type, RNA51953 and RNA51957 are used and
when the terminal is of the high reset type, RNA51958 are used.
6. When a negative supply voltage is used, the supply voltage side of RNA51957 and the GND side are
connected to negative supply voltage respectively.
Case of Using Reset Signal except Supply Voltage in the RNA51957
(a) Reset at ON
(b) Reset at transistor ON
Input
RL
VCC
RESET
Logic circuit
Input
GND
Delay capacitor
GND
Cd
R1
R2
RL
VCC
RESET
Logic circuit
GND
Delay capacitor
GND
Cd
R1
R2
Out
put
Out
put
RNA51957x
RNA51957x
Control
signal
Power-
supply
Power-
supply
Power-
supply
Power-
supply
Figure 2 Case of Using Reset Signal except Supply Voltage in the RNA51957



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com