Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNA51958AFPH0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RNA51958AFPH0
Description  Voltage Detecting, System Resetting IC Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51958AFPH0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RNA51958AFPH0 Datasheet HTML 1Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 2Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 3Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 4Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 5Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 6Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 7Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 8Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
REJ03D0915-0302 Rev.3.02
Page 1 of 13
Apr 01, 2010
Preliminary Datasheet
RNA51958A, B
Voltage Detecting, System Resetting IC Series
Description
RNA51958A,B are semiconductor integrated circuits for resetting of all types of logic circuits such as CPUs, and has
the feature of setting the detection voltage by adding external resistance.
They include a built-in delay circuit to provide the desired retardation time simply by adding an external capacitor.
They fined extensive applications, including battery checking circuit, level detecting circuit and waveform shaping
circuit.
Features
 Few external parts
 Large delay time with a capacitor of small capacitance (td  100 ms, at 0.33 F)
 Wide supply voltage range: 2 V to 17 V
 Wide application range
 Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
Surface
Treatment
RNA51958AFPH0
SOP-8 pin
PRSP0008DE-C
FP
H (2,500 pcs / Reel)
0 (Ni/Pd/Au)
RNA51958APT0
DIP-8 pin
PRDP0008AF-B
P
T (1,000 pcs / Reel)
0 (Ni/Pd/Au)
RNA51958BFPH0
SOP-8 pin
PRSP0008DE-C
FP
H (2,500 pcs / Reel)
0 (Ni/Pd/Au)
RNA51958BPT0
DIP-8 pin
PRDP0008AF-B
P
T (1,000 pcs / Reel)
0 (Ni/Pd/Au)
Application
 Reset circuit of Pch, Nch, CMOS, microcomputer, CPU and MCU, Reset of logic circuit, Battery check circuit,
switching circuit back-up voltage, level detecting circuit, waveform shaping circuit, delay waveform generating
circuit, DC/DC converter, over voltage protection circuit
Recommended Operating Condition
 Supply voltage range: 2 V to 17 V
REJ03D0915-0302
Rev.3.02
Apr 01, 2010


Similar Part No. - RNA51958AFPH0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA51958AFPH0 RENESAS-RNA51958AFPH0 Datasheet
158Kb / 12P
Voltage Detecting, System Resetting IC Series
RNA51958AFPH0 RENESAS-RNA51958AFPH0 Datasheet
152Kb / 14P
Voltage Detecting, System Resetting IC Series
More results

Similar Description - RNA51958AFPH0

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
VOLTAGE DETECTING,SYSTEM RESETTING IC
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
VOLTAGE DETECTING, SYSTEM RESETTING IC
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
Voltage Detecting, System Resetting IC Series
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
Voltage Detecting, System Resetting IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com