Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC327CTRU Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVC327CTRU
Description  Variable Capacitance Diode for VHF tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC327CTRU Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVC327CTRU Datasheet HTML 1Page - Renesas Technology Corp HVC327CTRU Datasheet HTML 2Page - Renesas Technology Corp HVC327CTRU Datasheet HTML 3Page - Renesas Technology Corp HVC327CTRU Datasheet HTML 4Page - Renesas Technology Corp HVC327CTRU Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVC327C
Preliminary
REJ03G0053-0200 Rev.2.00
Page 2 of 4
May 06, 2010
Absolute Maximum Ratings
(Ta = 25
C)
Item
Symbol
Value
Unit
Reverse voltage
VR
15
V
Junction temperature
Tj
125
C
Storage temperature
Tstg
–55 to +125
C
Electrical Characteristics
(Ta = 25
C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
IR1
—
—
10
VR = 10 V
Reverse current
IR2
—
—
100
nA
VR = 10 V, Ta = 60°C
C1
30.5
—
33.5
VR = 1 V, f = 1 MHz
Capacitance
C10
2.6
—
2.9
pF
VR = 10 V, f = 1 MHz
Capacitance ratio
n
11.0
—
—
—
C1/C10
Series resistance
rS
—
—
0.8
VR = 5 V, f = 470 MHz
Matching error
C/C *1
—
—
2.0
%
VR = 1 to 10 V, f = 1 MHz
Notes: 1. C.C system (Continuous Connected taping system) enable to make any 10 pcs of
C/C continuous in a reel,
expect extention to another group.
Calculate Matching Error,
ΔC/C =
× 100 (%)
(Cmax – Cmin)
Cmin
2. For UFP package, the material of lead is exposed for cutting plane. There for, soldering nature of lead tip
part is considered as unquestioned. Please kindly consider soldering nature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com