Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3220 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3220
Description  360mA Universal 18-Channel LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3220 Datasheet(HTML) 2 Page - Linear Technology

  LTC3220_1 Datasheet HTML 1Page - Linear Technology LTC3220_1 Datasheet HTML 2Page - Linear Technology LTC3220_1 Datasheet HTML 3Page - Linear Technology LTC3220_1 Datasheet HTML 4Page - Linear Technology LTC3220_1 Datasheet HTML 5Page - Linear Technology LTC3220_1 Datasheet HTML 6Page - Linear Technology LTC3220_1 Datasheet HTML 7Page - Linear Technology LTC3220_1 Datasheet HTML 8Page - Linear Technology LTC3220_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3220/LTC3220-1
2
32201fc
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, DVCC, CPO to GND................................ –0.3V to 6V
ULED1-ULED18 to GND ............................... –0.3V to 6V
SDA, SCL, RST............................–0.3V to (DVCC + 0.3V)
ICPO (Continuous) (Note 2) ..................................360mA
IULED1-18 (Note 2) ..................................................25mA
CPO Short-Circuit Duration .............................. Indefinite
Operating Temperature Range (Note 3)
LTC3220E/LTC3220E-1 ........................ –40°C to 85°C
LTC3220I/LTC3220I-1 ........................ –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
(Notes 1, 4)
28 27 26 25 24 23
8
9
TOP VIEW
29
PF PACKAGE
28-LEAD UTQFN (4mm
4mm)
10 11 12 13 14
ULED1
ULED2
ULED3
ULED4
ULED5
ULED6
ULED7
ULED18
ULED17
ULED16
ULED15
ULED14
ULED13
ULED12
16
15
17
18
19
20
21
6
7
5
4
3
2
1
22
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3220EPF#PBF
LTC3220EPF#TRPBF
3220T
28-Lead UTQFN (4mm
× 4mm)
–40°C to 85°C
LTC3220EPF-1#PBF
LTC3220EPF-1#TRPBF
2201T
28-Lead UTQFN (4mm
× 4mm)
–40°C to 85°C
LTC3220IPF#PBF
LTC3220IPF#TRPBF
3220T
28-Lead UTQFN (4mm
× 4mm)
–40°C to 125°C
LTC3220IPF-1#PBF
LTC3220IPF-1#TRPBF
2201T
28-Lead UTQFN (4mm
× 4mm)
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
l
2.9
5.5
V
IVIN Operating Current
ICPO = 0, 1x Mode
ICPO = 0, 1.5x Mode
ICPO = 0, 2x Mode
580
2.4
3.2
μA
mA
mA
DVCC UVLO Threshold
1V
DVCC Operating Voltage
l
1.5
5.5
V
VIN UVLO Threshold
1.5
V
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, DVCC = 3V, RST = high, C1 = C2 = C3 = 2.2μF, C4 = 4.7μF,
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com