Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1520 Datasheet(PDF) 11 Page - ams AG

Part # AS1520
Description  10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1520 Datasheet(HTML) 11 Page - ams AG

Back Button AS1520_1 Datasheet HTML 7Page - ams AG AS1520_1 Datasheet HTML 8Page - ams AG AS1520_1 Datasheet HTML 9Page - ams AG AS1520_1 Datasheet HTML 10Page - ams AG AS1520_1 Datasheet HTML 11Page - ams AG AS1520_1 Datasheet HTML 12Page - ams AG AS1520_1 Datasheet HTML 13Page - ams AG AS1520_1 Datasheet HTML 14Page - ams AG AS1520_1 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
11 - 29
AS1520/AS1521
Data Sheet - Ty pi cal Operating Characte ristics
7 Typical Operating Characteristics
Same conditions as stated in Electrical Characteristics on page 5.
Figure 5. INL vs. Digital Output Code
Figure 6. DNL vs. Digital Output Code
Figure 7. FFT @ 10kHz; RANGE = 1, MODE = 1
Figure 8. FFT @ 75kHz; RANGE = 0, MODE = 1
Figure 9. ENOB vs. VREF; 1st Order 300kHz
Figure 10. ENOB vs. Input Signal Frequency; 1st
Low Pass Filter
Order 1MHz Low Pass Filter
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
200
400
600
800
1000
Digital Output Code
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
200
400
600
800
1000
Digital Output Code
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
0
20
40
60
80 100 120 140 160
Input Signal Frequency (kHz)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
0
20
40
60
80 100 120 140 160
Input Signal Frequency (kHz)
FSample = 312.5ksps
NFFT = 16384
FSample = 312.5ksps
NFFT = 16384
9.75
9.8
9.85
9.9
9.95
12
3
4
5
Voltage (V)
AS1521: fsig = 75kHz
AS1520: fsig = 100kHz
9.75
9.8
9.85
9.9
9.95
0
100
200
300
400
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com