Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1520 Datasheet(PDF) 12 Page - ams AG

Part # AS1520
Description  10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1520 Datasheet(HTML) 12 Page - ams AG

Back Button AS1520 Datasheet HTML 8Page - ams AG AS1520 Datasheet HTML 9Page - ams AG AS1520 Datasheet HTML 10Page - ams AG AS1520 Datasheet HTML 11Page - ams AG AS1520 Datasheet HTML 12Page - ams AG AS1520 Datasheet HTML 13Page - ams AG AS1520 Datasheet HTML 14Page - ams AG AS1520 Datasheet HTML 15Page - ams AG AS1520 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
12 - 29
AS1520/AS1521
Data Sheet - Ty pi cal Operating Characte ristics
Figure 11. IVDD vs. VDD (Static)
Figure 12. IVDD vs. Temperature; Internal Reference
Figure 13. IVDD vs. VDD (Converting)
Figure 14. IVDD vs. Temperature (Static)
Figure 15. VREF vs. Temperature
2.5
2.75
3
3.25
3.5
3.75
4
-40
-15
10
35
60
85
Temperature (°C)
AS1520
AS1521
0
0.5
1
1.5
2
2.5
3
3.5
4
2.7 3.05 3.4 3.75 4.1 4.45 4.8 5.15 5.5
Supply Voltage (V)
Internal Reference
External Reference
0
0.5
1
1.5
2
-40
-15
10
35
60
85
Temperature (°C)
AS1520, Reduced Power Mode, Internal Ref.
AS1521, Reduced Power Mode, Internal Ref.
AS1520, Reduced Power Mode, External Ref.
AS1521, Reduced Power Mode, External Ref.
0
0.5
1
1.5
2
2.5
3
2.7 3.05 3.4 3.75 4.1 4.45 4.8 5.15 5.5
Supply Voltage (V)
Normal Operation; Internal Reference
Reduced Power Mode; Internal Reference
Reduced Power Mode; External Reference
2.49
2.495
2.5
2.505
2.51
-40
-15
10
35
60
85
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com