Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3308F Datasheet(PDF) 7 Page - Rohm

Part # BA3308F
Description  Preamps with Built-in ALC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3308F Datasheet(HTML) 7 Page - Rohm

Back Button BA3308F Datasheet HTML 2Page - Rohm BA3308F Datasheet HTML 3Page - Rohm BA3308F Datasheet HTML 4Page - Rohm BA3308F Datasheet HTML 5Page - Rohm BA3308F Datasheet HTML 6Page - Rohm BA3308F Datasheet HTML 7Page - Rohm BA3308F Datasheet HTML 8Page - Rohm BA3308F Datasheet HTML 9Page - Rohm BA3308F Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Technical Note
7/9
BA3308F,BA3308FV
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●Measurement circuit
●Application circuit
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ALC
V
V
V
V
V
V
10k
10
μF
120k
1.2k
33k
0.1
μF
SW4A
100
μF
SW2A
V2
22k
2
1
3
SW6A
30k
INPUT1
SW3A
3.9k
3.9k
SW3B
30k
INPUT2
SW6B
SW1B
3
2
1
V2
2.2k
SW2B
100
μF
39
Ω
SW4B
2
1
0.1
μF
1.2k
120k
10
μF
10k
Ω
330
μF
220
Ω
SW5
22
μF
1M
VCC
OUTPUT1
OUTPUT2
2
1
33k
V1
V1
39
Ω
Fig.18
For playback, connect the following NAB time constant circuit between
pins 11 and 1 and pins 10 and 7 in place of R5 and R6.
INPUT1
INPUT2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ALC
10
μF
100
μF
100
μF
39
Ω
10
μF
330
μF
220
Ω
22
μF
VCC=7V
3.9k
Ω
3.9k
Ω
10
μF
10
μF
R4
C4
R6
18k
Ω
C6
OUTPUT2
R8
1M
Ω
R7
C7
C8
18k
Ω
R5
C5
OUTPUT1
39
Ω
R3
R1
R2
C3
C2
C5
C9 (C10)
0.027
μF
R9 (R10)
120k
Ω
R11 (R12)
4.3k
Ω
Fig.17



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com