Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD15 Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # SCD15
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SCD15 Datasheet(HTML) 1 Page - Zowie Technology Corporation

  SCD15 Datasheet HTML 1Page - Zowie Technology Corporation SCD15 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PATEN
TED
SCD12 THRU SCD16
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 60 Volts
Forward Current - 1.0 Ampere
FEATURES
MECHANICAL DATA
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
* For surface mounted applications
* Low profile package
* Built-in strain relief
* Metal to silicon rectifier , majority carrier conduction
* Low power loss , High efficiency
* High current capability , low VF
* High surge capacity
* For using in low voltage high frequency switching power supply,
inverters , free wheeling , and polarity protection applications
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Solder plated , solderable per MIL-STD-750,
Method 2026
Polarity : Laser marking
Weight : 0.02 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward rectified current @TC = 75
o
C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0 A (NOTE 1)
Maximum DC reverse current
at rated DC blocking voltage
@TA=25
o
C
@TA=100
o
C
Typical thermal resistance (NOTE 2)
Storage temperature range
Operating junction temperature range
SYMBOLS
VRRM
I (AV)
IFSM
VF
IR
R JA
TJ
TSTG
SCD12
SCD13
SCD14
SCD15
SCD16
20
30
40
50
60
1.0
30
0.50
0.70
0.5
10
5
88
R JL
28
-55 to +150
-55 to +125
-55 to +150
UNITS
Volts
Maximum RMS voltage
VRMS
14
21
28
35
42
Volts
Maximum DC blocking voltage
VDC
20
30
40
50
60
Volts
Volts
Amps
Amps
mA
o
C / W
o
C
o
C
NOTES : (1) Pulse test with PW=300usec , 1% duty cycle.
(2) Mounted on P.C. board with 5.0mm
2
(.013mm thick) copper pad areas.
Zowie Technology Corporation
REV. : 1
2010
*Dimensions in inches and (millimeters)
TM
PATEN
TED
PATEN
TED
0.091(2.30)
R0
.02
0(0
.50
)
0.083(2.10)
0.049(1.25)
0.033(0.85)
0.049(1.25)
0.033(0.85)
.181(4.60)
.002(0.05)
.173(4.40)
0.049(1.25)
0.033(0.85)
(NOTE 1)


Similar Part No. - SCD15

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SCD15 FCI-SCD15 Datasheet
65Kb / 2P
1.0 Amp SCHOTTKY BARRIER RECTIFIERS LOW PROFILE PACKAGE
logo
Faraday Technology
SCD150E16 FARADAY-SCD150E16 Datasheet
97Kb / 2P
TCD WIDEBAND DELAY LINE MODULES
logo
Cornell Dubilier Electr...
SCD155K102A3Z25-F CDE-SCD155K102A3Z25-F Datasheet
297Kb / 2P
IGBT Snubber Capacitor Modules
SCD155K102A3Z25-F CDE-SCD155K102A3Z25-F Datasheet
104Kb / 4P
High dV/dt Direct Mount IGBT Snubber
SCD155K102D3Z25-F CDE-SCD155K102D3Z25-F Datasheet
297Kb / 2P
IGBT Snubber Capacitor Modules
More results

Similar Description - SCD15

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com