Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F04KA201T-I/ST Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC24F04KA201T-I/ST
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/ST Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC24F04KA201T-I/ST Datasheet HTML 8Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 9Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 10Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 11Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 12Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 13Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 14Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 15Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 10
Preliminary
© 2009 Microchip Technology Inc.
FIGURE 1-1:
PIC24F04KA201 FAMILY GENERAL BLOCK DIAGRAM
Instruction
Decode and
Control
16
PCH
PCL
16
Program Counter
16-Bit ALU
23
24
Data Bus
Inst Register
16
Divide
Support
Inst Latch
16
EA MUX
Read AGU
Write AGU
16
16
8
Interrupt
Controller
PSV and Table
Data Access
Control Block
Stack
Control
Logic
Repeat
Control
Logic
Data Latch
Data RAM
Address
Latch
Address Latch
Program Memory
Data Latch
16
Address Bus
23
Control Signals
16
16
16 x 16
W Reg Array
Multiplier
17x17
PORTA(1)
RA<6:0>
PORTB(1)
RB<15:12, 9:7>
Note 1:
All pins or features are not implemented on all device pinout configurations. See Table 1-2 for I/O port pin
descriptions.
Comparators
Timer2/3
Timer1
CTMU
IC1
ADC
10-Bit
OC1/PWM
SPI1
I2C1
CN1-17(1)
UART1
OSCI/CLKI
OSCO/CLKO
VDD,
Timing
Generation
VSS
MCLR
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
BOR
Precision
Reference
Band Gap
FRC/LPRC
Oscillators
DSWDT
HLVD
REFO
RB<4, 2:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com