Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628A-E/SS Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC16F628A-E/SS
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/SS Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC16F628A-E/SS Datasheet HTML 67Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 68Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 69Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 70Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 71Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 72Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 73Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 74Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 180 page
background image
© 2009 Microchip Technology Inc.
DS40044G-page 71
PIC16F627A/628A/648A
FIGURE 11-2:
VOLTAGE REFERENCE OUTPUT BUFFER EXAMPLE
TABLE 11-1:
REGISTERS ASSOCIATED WITH VOLTAGE REFERENCE
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value On
POR
Value On
All Other
Resets
9Fh
VRCON
VREN
VROE
VRR
—
VR3
VR2
VR1
VR0
000- 0000
000- 0000
1Fh
CMCON C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000
0000 0000
85h
TRISA
TRISA7 TRISA6 TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 1111 1111 1111 1111
Legend:
-
= Unimplemented, read as ‘0’.
Note
1:
R is dependent upon the voltage reference configuration VRCON<3:0> and VRCON<5>.
VREF
Module
R(1)
Voltage
Reference
Output
Impedance
RA2
VREF Output
+
Op Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com