Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4580 Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC18F4580
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580 Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC18F4580 Datasheet HTML 85Page - Microchip Technology PIC18F4580 Datasheet HTML 86Page - Microchip Technology PIC18F4580 Datasheet HTML 87Page - Microchip Technology PIC18F4580 Datasheet HTML 88Page - Microchip Technology PIC18F4580 Datasheet HTML 89Page - Microchip Technology PIC18F4580 Datasheet HTML 90Page - Microchip Technology PIC18F4580 Datasheet HTML 91Page - Microchip Technology PIC18F4580 Datasheet HTML 92Page - Microchip Technology PIC18F4580 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 490 page
background image
© 2009 Microchip Technology Inc.
DS39637D-page 89
PIC18F2480/2580/4480/4580
RXF3SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
62, 308
RXF2EIDL
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
62, 309
RXF2EIDH
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
62, 309
RXF2SIDL
SID2
SID1
SID0
—
EXIDEN
—EID17
EID16
xxx- x-xx
62, 308
RXF2SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
62, 308
RXF1EIDL
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
62, 309
RXF1EIDH
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
62, 309
RXF1SIDL
SID2
SID1
SID0
—
EXIDEN
—EID17
EID16
xxx- x-xx
62, 308
RXF1SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
62, 308
RXF0EIDL
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
62, 309
RXF0EIDH
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
62, 309
RXF0SIDL
SID2
SID1
SID0
—
EXIDEN
—EID17
EID16
xxx- x-xx
62, 308
RXF0SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
62, 308
B5D7(8)
B5D77
B5D76
B5D75
B5D74
B5D73
B5D72
B5D71
B5D70
xxxx xxxx
62, 305
B5D6(8)
B5D67
B5D66
B5D65
B5D64
B5D63
B5D62
B5D61
B5D60
xxxx xxxx
62, 305
B5D5(8)
B5D57
B5D56
B5D55
B5D54
B5D53
B5D52
B5D51
B5D50
xxxx xxxx
62, 305
B5D4(8)
B5D47
B5D46
B5D45
B5D44
B5D43
B5D42
B5D41
B5D40
xxxx xxxx
62, 305
B5D3(8)
B5D37
B5D36
B5D35
B5D34
B5D33
B5D32
B5D31
B5D30
xxxx xxxx
62, 305
B5D2(8)
B5D27
B5D26
B5D25
B5D24
B5D23
B5D22
B5D21
B5D20
xxxx xxxx
62, 305
B5D1(8)
B5D17
B5D16
B5D15
B5D14
B5D13
B5D12
B5D11
B5D10
xxxx xxxx
62, 305
B5D0(8)
B5D07
B5D06
B5D05
B5D04
B5D03
B5D02
B5D01
B5D00
xxxx xxxx
62, 305
B5DLC(8)
Receive mode
—
RXRTR
RB1
RB0
DLC3
DLC2
DLC1
DLC0
-xxx xxxx
62, 307
B5DLC(8)
Transmit mode
—TXRTR
—
—
DLC3
DLC2
DLC1
DLC0
-x-- xxxx
62, 307
B5EIDL(8)
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
62, 305
B5EIDH(8)
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
62, 304
B5SIDL(8)
Receive mode
SID2
SID1
SID0
SRR
EXID
—EID17
EID16
xxxx x-xx
62, 303
B5SIDL(8)
Transmit mode
SID2
SID1
SID0
—EXIDE
—EID17
EID16
xxx- x-xx
62, 303
B5SIDH(8)
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx x-xx
62, 302
B5CON(8)
Receive mode
RXFUL
RXM1
RXRTRRO
FILHIT4
FILHIT3
FILHIT2
FILHIT1
FILHIT0
0000 0000
62, 301
B5CON(8)
Transmit mode
TXBIF
TXABT
TXLARB
TXERR
TXREQ
RTREN
TXPRI1
TXPRI0
0000 0000
62, 301
B4D7(8)
B4D77
B4D76
B4D75
B4D74
B4D73
B4D72
B4D71
B4D70
xxxx xxxx
62, 305
B4D6(8)
B4D67
B4D66
B4D65
B4D64
B4D63
B4D62
B4D61
B4D60
xxxx xxxx
62, 305
B4D5(8)
B4D57
B4D56
B4D55
B4D54
B4D53
B4D52
B4D51
B4D50
xxxx xxxx
62, 305
B4D4(8)
B4D47
B4D46
B4D45
B4D44
B4D43
B4D42
B4D41
B4D40
xxxx xxxx
63, 305
B4D3(8)
B4D37
B4D36
B4D35
B4D34
B4D33
B4D32
B4D31
B4D30
xxxx xxxx
63, 305
TABLE 6-2:
REGISTER FILE SUMMARY (PIC18F2480/2580/4480/4580) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Detailson
Page:
Legend: x = unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note 1:
Bit 21 of the PC is only available in Test mode and Serial Programming modes.
2:
The SBOREN bit is only available when CONFIG2L<1:0> = 01; otherwise, it is disabled and reads as ‘0’. See Section 5.4 “Brown-out Reset (BOR)”.
3:
These registers and/or bits are not implemented on PIC18F2X80 devices and are read as ‘0’. Reset values are shown for PIC18F4X80 devices;
individual unimplemented bits should be interpreted as ‘—’.
4:
The PLLEN bit is only available in specific oscillator configuration; otherwise, it is disabled and reads as ‘0’. See Section 3.6.4 “PLL in INTOSC
Modes”.
5:
The RE3 bit is only available when Master Clear Reset is disabled (CONFIG3H<7> = 0); otherwise, RE3 reads as ‘0’. This bit is read-only.
6:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes. When
disabled, these bits read as ‘0’.
7:
CAN bits have multiple functions depending on the selected mode of the CAN module.
8:
This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2.
9:
These registers are available on PIC18F4X80 devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com