Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F616
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F616 Datasheet HTML 35Page - Microchip Technology PIC16F616 Datasheet HTML 36Page - Microchip Technology PIC16F616 Datasheet HTML 37Page - Microchip Technology PIC16F616 Datasheet HTML 38Page - Microchip Technology PIC16F616 Datasheet HTML 39Page - Microchip Technology PIC16F616 Datasheet HTML 40Page - Microchip Technology PIC16F616 Datasheet HTML 41Page - Microchip Technology PIC16F616 Datasheet HTML 42Page - Microchip Technology PIC16F616 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 214 page
background image
© 2009 Microchip Technology Inc.
DS41288F-page 39
PIC16F610/616/16HV610/616
4.2.4.5
RA4/AN3(1)/T1G/OSC2/CLKOUT
Figure 4-4 shows the diagram for this pin. The RA4 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
(1)
• a Timer1 gate (count enable)
• a crystal/resonator connection
• a clock output
FIGURE 4-4:
BLOCK DIAGRAM OF RA4
Note 1: PIC16F616/16HV616 only.
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
Analog
Input Mode
Data Bus
WR
WPUA
RD
WPUA
RD
PORTA
WR
PORTA
WR
TRISA
RD
TRISA
WR
IOCA
RD
IOCA
FOSC/4
To A/D Converter(5)
Oscillator
Circuit
OSC1
CLKOUT
0
1
CLKOUT
Enable
Enable
Analog(3)
Input Mode
RAPU
RD PORTA
To T1G
INTOSC/
RC/EC(2)
CLK(1)
Modes
CLKOUT
Enable
Note 1: CLK modes are XT, HS, LP, TMR1 LP and CLKOUT Enable.
2: With CLKOUT option.
3: Analog Input mode comes from ANSEL.
4: Set has priority over Reset.
5: PIC16F616/16HV616 only.
Q1
I/O Pin
Interrupt-on-
Change
S(4)
R
Q
From other
Write ‘0’ to RAIF
RA<5, 3:0> pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com