Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F505-I/MS Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC16F505-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-I/MS Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC16F505-I/MS Datasheet HTML 67Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 68Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 69Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 70Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 71Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 72Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 73Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 74Page - Microchip Technology PIC16F505-I/MS Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
© 2009 Microchip Technology Inc.
DS41236E-page 71
PIC12F508/509/16F505
10.1
DC Characteristics: PIC12F508/509/16F505 (Industrial)
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature -40
°C ≤ TA ≤ +85°C (industrial)
Param
No.
Sym.
Characteristic
Min.
Typ(1)
Max.
Units
Conditions
D001
VDD
Supply Voltage
2.0
5.5
V
See Figure 10-1
D002
VDR
RAM Data Retention Voltage(2)
—
1.5*
—
V
Device in Sleep mode
D003
VPOR VDD Start Voltage to ensure
Power-on Reset
—
Vss
—
V
See Section 7.4 "Power-on
Reset (POR)" for details
D004
SVDD VDD Rise Rate to ensure
Power-on Reset
0.05*
—
—
V/ms
See Section 7.4 "Power-on
Reset (POR)" for details
D010
IDD
Supply Current(3,4)
—
—
175
0.625
275
1.1
μA
mA
FOSC = 4 MHz, VDD = 2.0V
FOSC = 4 MHz, VDD = 5.0V
—
—
500
1.5
650
2.2
μA
mA
FOSC = 10 MHz, VDD = 3.0V
FOSC = 20 MHz, VDD = 5.0V
(PIC16F505 only)
—
—
11
38
20
54
μA
μA
FOSC = 32 kHz, VDD = 2.0V
FOSC = 32 kHz, VDD = 5.0V
D020
IPD
Power-down Current(5)
—
—
0.1
0.35
1.2
2.4
μA
μA
VDD = 2.0V
VDD = 5.0V
D022
IWDT
WDT Current(5)
—
—
1.0
7.0
3.0
16.0
μA
μA
VDD = 2.0V
VDD = 5.0V
*
These parameters are characterized but not tested.
Note 1:
Data in the Typical (“Typ”) column is based on characterization results at 25
°C. This data is for design
guidance only and is not tested.
2:
This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.
3:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as bus
loading, oscillator type, bus rate, internal code execution pattern and temperature also have an impact on
the current consumption.
4:
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VSS, T0CKI = VDD, MCLR =
VDD; WDT enabled/disabled as specified.
5:
For standby current measurements, the conditions are the same as IDD, except that the device is in Sleep
mode. If a module current is listed, the current is for that specific module enabled and the device in Sleep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com