Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA8522RFVM Datasheet(PDF) 2 Page - Rohm

Part # BA8522RFVM
Description  LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA8522RFVM Datasheet(HTML) 2 Page - Rohm

  BA8522RFVM Datasheet HTML 1Page - Rohm BA8522RFVM Datasheet HTML 2Page - Rohm BA8522RFVM Datasheet HTML 3Page - Rohm BA8522RFVM Datasheet HTML 4Page - Rohm BA8522RFVM Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. B
○ELECTRICAL CHARACTERISTICS (unless otherwise specified VCC=+15[V]、VEE=-15[V], Ta=25[℃])
Parameter
Symbol
Guaranteed
Limit
Unit
Condition
Parameter
Min.
Typ.
Max.
Input Offset Voltage (*6)
Vio
25℃
-
0.1
1.5
mV
Input Offset Voltage Drift(*6)
Vio/ΔT
-
2
-
μV/℃
Input Offset Current (*6)
Iio
25℃
-
5
200
nA
Input Bias Current (*6)
Ib
25℃
-
50
500
nA
Supply Current
ICC
25℃
-
5.5
9
mA
RL=∞ All Op-Amps
Maximum Output Voltage
VOH
25℃
±12
±13.5
-
V
RL≧10[kΩ]
±10.5
±11
-
V
RL≧2[kΩ]
Large Signal Voltage Gain
AV
25℃
86
110
-
dB
RL≧2[kΩ],VOUT=±10[V]
Input Common-mode Voltage Range
Vicm
25℃
±12
±14
-
V
Common-mode Rejection Ratio
CMRR
25℃
70
90
-
dB
Power Supply Rejection Ratio
PSRR
25℃
76.5
90
-
dB
Channel Separation
CS
25℃
-
105
-
dB
Slew Rate
SR
25℃
-
3
-
V/us
Gain Band Width
GB
25℃
-
6
-
MHz
Input Referred Noise Voltage
Vni
25℃
-
1.2
-
uVrms
Total Harmonic Distortion
THD
25℃
-
0.002
-
%
Av=20[dB],VOUT=5[Vrms],f=1[kHz]
(*6) Absolute value.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com