Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS32 Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # SS32
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SS32 Datasheet(HTML) 2 Page - Zowie Technology Corporation

  SS32 Datasheet HTML 1Page - Zowie Technology Corporation SS32 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SS32 THRU SS36
Zowie Technology Corporation
REV. : 0
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
AMBIENT TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0
20
40
60
80
100
1
10
100
FIG.4 - TYPICAL REVERSE CURRENT
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE,%
50 60
0
2.0
3.0
1.0
4.0
Resistive or
Inductive Load
SS32~SS34
SS35~SS36
P.C.B. Mounted on
0.55 x 0.55" (14 x 14mm)
Copper pad areas
70
80
90 100 110 120 130 140
160
150
SS32~SS34
SS35~SS36
SS22~SS24
SS25~SS26
SS32~SS34
SS35~SS36
0.01
0.10
1.00
10.00
30.00
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TJ=25
o
C
TJ=150
o
C
TJ=125
o
C
Pulse width=300us
1% Duty Cycle
0.001
0.01
0.1
1.0
10
20
0
20
40
60
80
100
TJ=25
oC
TJ=75
oC
TJ=125
o
C
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
o
C
f=1.0MHz
Vsig=50mVP-P
REVERSE VOLTAGE, VOLTS
.1
1000
1.0
100
10
100
10
0.1
1
10
100
FIG.6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
t , PULSE DURATION, sec
100
10
1.0
0.10
0.01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com