Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F519T-E/MS Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC12F519T-E/MS
Description  8-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F519T-E/MS Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC12F519T-E/MS Datasheet HTML 3Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 4Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 5Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 6Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 7Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 8Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 9Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 10Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
© 2008 Microchip Technology Inc.
DS41319B-page 5
PIC12F519
1.0
GENERAL DESCRIPTION
The PIC12F519 device from Microchip Technology is
low-cost, high-performance, 8-bit, fully-static, Flash-
based CMOS microcontrollers. They employ a RISC
architecture with only 33 single-word/single-cycle
instructions. All instructions are single cycle except for
program branches, which take two cycles. The
PIC12F519 device delivers performance an order of
magnitude higher than their competitors in the same
price category. The 12-bit wide instructions are highly
symmetrical,
resulting
in
a
typical
2:1
code
compression over other 8-bit microcontrollers in its
class. The easy-to-use and easy to remember
instruction set reduces development time significantly.
The PIC12F519 product is equipped with special
features that reduce system cost and power
requirements. The Power-on Reset (POR) and Device
Reset Timer (DRT) eliminate the need for external
Reset circuitry. There are four oscillator configurations
to choose from including INTRC Internal Oscillator
mode and the power-saving LP (Low-power) Oscillator
mode. Power-Saving Sleep mode, Watchdog Timer
and code protection features improve system cost,
power and reliability.
The PIC12F519 device is available in the cost-effective
Flash programmable version, which is suitable for
production in any volume. The customer can take full
advantage of Microchip’s price leadership in Flash
programmable microcontrollers, while benefiting from
the Flash programmable flexibility.
The PIC12F519 product is supported by a full-featured
macro assembler, a software simulator, an in-circuit
emulator, a low-cost development programmer and a
full featured programmer. All the tools are supported on
PC and compatible machines.
1.1
Applications
The PIC12F519 device fits in applications ranging from
personal care appliances and security systems to low-
power remote transmitters/receivers. The Flash
technology makes customizing application programs
(transmitter codes,
appliance settings,
receiver
frequencies, etc.) extremely fast and convenient. The
small footprint packages, for through hole or surface
mounting, make these microcontrollers perfect for
applications with space limitations. Low cost, low
power, high performance, ease of use and I/O flexibility
make the PIC12F519 device very versatile even in
areas where no microcontroller use has been
considered before (e.g., timer functions, logic and
PLDs in larger systems and coprocessor applications).
TABLE 1-1:
FEATURES AND MEMORY OF PIC12F519
PIC12F519
Clock
Maximum Frequency of Operation (MHz)
8
Memory
Flash Program Memory
1024
SRAM Data Memory (bytes)
41
Flash Data Memory (bytes)
64
Peripherals
Timer Module(s)
TMR0
Wake-up from Sleep on Pin Change
Yes
Features
I/O Pins
5
Input Pins
1
Internal Pull-ups
Yes
In-Circuit Serial Programming™
Yes
Number of Instructions
33
Packages
8-pin PDIP, SOIC, MSOP, 2X3 DFN
The PIC12F519 device has Power-on Reset, selectable Watchdog Timer, selectable code-protect, high I/O current capability and
precision internal oscillator.
The PIC12F519 device uses serial programming with data pin GP0 and clock pin GP1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com