Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F610-E/ST Datasheet(PDF) 70 Page - Microchip Technology

Part # PIC16F610-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F610-E/ST Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC16F610-E/ST Datasheet HTML 66Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 67Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 68Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 69Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 70Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 71Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 72Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 73Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 214 page
background image
PIC16F610/616/16HV610/616
DS41288F-page 70
© 2009 Microchip Technology Inc.
8.11
Comparator Voltage Reference
The comparator voltage reference module provides an
internally
generated
voltage
reference
for
the
comparators. The following features are available:
• Independent from Comparator operation
• Two 16-level voltage ranges
• Output clamped to VSS
• Ratiometric with VDD
• Fixed Reference (0.6V)
The VRCON register (Register 8-6) controls the
voltage reference module shown in Figure 8-9.
8.11.1
INDEPENDENT OPERATION
The comparator voltage reference is independent of
the comparator configuration. Setting the FVREN bit of
the VRCON register will enable the voltage reference.
8.11.2
OUTPUT VOLTAGE SELECTION
The
CVREF voltage reference has 2 ranges with 16
voltage levels in each range. Range selection is
controlled by the VRR bit of the VRCON register. The
16 levels are set with the VR<3:0> bits of the VRCON
register.
The CVREF output voltage is determined by the
following equations:
EQUATION 8-1:
CVREF OUTPUT VOLTAGE
The full range of VSS to VDD cannot be realized due to
the construction of the module. See Figure 8-9.
8.11.3
OUTPUT CLAMPED TO VSS
The fixed voltage reference output voltage can be set
to Vss with no power consumption by clearing the
FVREN bit of the VRCON register (FVREN = 0). This
allows the comparator to detect a zero-crossing while
not consuming additional module current.
8.11.4
OUTPUT RATIOMETRIC TO VDD
The comparator voltage reference is VDD derived and
therefore, the CVREF output changes with fluctuations in
VDD. The tested absolute accuracy of the Comparator
Voltage Reference can be found in Section 15.0
“Electrical Specifications”.
VRR
1 (low range):
=
VRR
0 (high range):
=
CVREF
(VDD/4) +
=
CVREF
(VR<3:0>/24)
VDD
×
=
(VR<3:0>
VDD/32)
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com