Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-H/ST Datasheet(PDF) 116 Page - Microchip Technology

Part # PIC16F616-H/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-H/ST Datasheet(HTML) 116 Page - Microchip Technology

Back Button PIC16F616-H/ST Datasheet HTML 112Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 113Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 114Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 115Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 116Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 117Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 118Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 119Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 214 page
background image
PIC16F610/616/16HV610/616
DS41288F-page 116
© 2009 Microchip Technology Inc.
TABLE 12-4:
INITIALIZATION CONDITION FOR REGISTERS
Register
Address
Power-on
Reset
MCLR Reset
WDT Reset
Brown-out Reset(1)
Wake-up from Sleep through
Interrupt
Wake-up from Sleep through
WDT Time-out
W—
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
00h/80h
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0
01h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
02h/82h
0000 0000
0000 0000
PC + 1(3)
STATUS
03h/83h
0001 1xxx
000q quuu(4)
uuuq quuu
(4)
FSR
04h/84h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
05h
--x0 x000
--u0 u000
--uu uuuu
PORTC
07h
--xx xx00
--uu 00uu
--uu uuuu
PCLATH
0Ah/8Ah
---0 0000
---0 0000
---u uuuu
INTCON
0Bh/8Bh
0000 0000
0000 0000
uuuu uuuu(2)
PIR1
0Ch
-000 0-00
-000 0-00
-uuu u-uu(2)
TMR1L
0Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
0Fh
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
10h
0000 0000
uuuu uuuu
-uuu uuuu
TMR2(6)
11h
0000 0000
0000 0000
uuuu uuuu
T2CON(6)
12h
-000 0000
-000 0000
-uuu uuuu
CCPR1L(6)
13h
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1H(6)
14h
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON(6)
15h
0000 0000
0000 0000
uuuu uuuu
PWM1CON(6)
16h
0000 0000
0000 0000
uuuu uuuu
ECCPAS(6)
17h
0000 0000
0000 0000
uuuu uuuu
VRCON
19h
0000 0000
0000 0000
uuuu uuuu
CM1CON0
1Ah
0000 -000
0000 -000
uuuu -uuu
CM2CON0
1Bh
0000 -000
0000 -000
uuuu -uuu
CM2CON1
1Ch
00-0 0000
00-0 0000
uu-u uuuu
ADRESH(6)
1Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0(6)
1Fh
0000 0000
0000 0000
uuuu uuuu
OPTION_REG
81h
1111 1111
1111 1111
uuuu uuuu
TRISA
85h
--11 1111
--11 1111
--uu uuuu
TRISC
87h
--11 1111
--11 1111
--uu uuuu
PIE1
8Ch
-000 0-00
-000 0-00
-uuu u-uu
PCON
8Eh
---- --0x
---- --uu(1, 5)
---- --uu
Legend: u = unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt
vector (0004h).
4:
See Table 12-5 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.
6:
PIC16F616/16HV616 only.
7:
ANSEL <3:2> For PIC16F616/HV616 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com