Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-H/ST Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16F616-H/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-H/ST Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16F616-H/ST Datasheet HTML 8Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 9Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 10Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 11Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 12Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 13Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 14Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 15Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 214 page
background image
PIC16F610/616/16HV610/616
DS41288F-page 12
© 2009 Microchip Technology Inc.
TABLE 1-2:
PIC16F616/16HV616 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/C1IN+/ICSPDAT
RA0
TTL
CMOS
PORTA I/O with prog. pull-up and interrupt-on-change
AN0
AN
—
A/D Channel 0 input
C1IN+
AN
—
Comparator C1 non-inverting input
ICSPDAT
ST
CMOS
Serial Programming Data I/O
RA1/AN1/C12IN0-/VREF/ICSPCLK
RA1
TTL
CMOS
PORTA I/O with prog. pull-up and interrupt-on-change
AN1
AN
—
A/D Channel 1 input
C12IN0-
AN
—
Comparators C1 and C2 inverting input
VREF
AN
—
External Voltage Reference for A/D
ICSPCLK
ST
—
Serial Programming Clock
RA2/AN2/T0CKI/INT/C1OUT
RA2
ST
CMOS
PORTA I/O with prog. pull-up and interrupt-on-change
AN2
AN
—
A/D Channel 2 input
T0CKI
ST
—
Timer0 clock input
INT
ST
—
External Interrupt
C1OUT
—
CMOS
Comparator C1 output
RA3/MCLR/VPP
RA3
TTL
—
PORTA input with interrupt-on-change
MCLR
ST
—
Master Clear w/internal pull-up
VPP
HV
—
Programming voltage
RA4/AN3/T1G/OSC2/CLKOUT
RA4
TTL
CMOS
PORTA I/O with prog. pull-up and interrupt-on-change
AN3
AN
—
A/D Channel 3 input
T1G
ST
—
Timer1 gate (count enable)
OSC2
—
XTAL
Crystal/Resonator
CLKOUT
—
CMOS
FOSC/4 output
RA5/T1CKI/OSC1/CLKIN
RA5
TTL
CMOS
PORTA I/O with prog. pull-up and interrupt-on-change
T1CKI
ST
—
Timer1 clock input
OSC1
XTAL
—
Crystal/Resonator
CLKIN
ST
—
External clock input/RC oscillator connection
RC0/AN4/C2IN+
RC0
TTL
CMOS
PORTC I/O
AN4
AN
—
A/D Channel 4 input
C2IN+
AN
—
Comparator C2 non-inverting input
RC1/AN5/C12IN1-
RC1
TTL
CMOS
PORTC I/O
AN5
AN
—
A/D Channel 5 input
C12IN1-
AN
—
Comparators C1 and C2 inverting input
RC2/AN6/C12IN2-/P1D
RC2
TTL
CMOS
PORTC I/O
AN6
AN
—
A/D Channel 6 input
C12IN2-
AN
—
Comparators C1 and C2 inverting input
P1D
—
CMOS
PWM output
RC3/AN7/C12IN3-/P1C
RC3
TTL
CMOS
PORTC I/O
AN7
AN
—
A/D Channel 7 input
C12IN3-
AN
—
Comparators C1 and C2 inverting input
P1C
—
CMOS
PWM output
RC4/C2OUT/P1B
RC4
TTL
CMOS
PORTC I/O
C2OUT
—
CMOS
Comparator C2 output
P1B
—
CMOS
PWM output
RC5/CCP1/P1A
RC5
TTL
CMOS
PORTC I/O
CCP1
ST
CMOS
Capture input/Compare output
P1A
—
CMOS
PWM output
VDD
VDD
Power
—
Positive supply
VSS
VSS
Power
—
Ground reference
Legend:
AN = Analog input or output
CMOS = CMOS compatible input or output
HV
= High Voltage
ST = Schmitt Trigger input with CMOS levels
TTL
= TTL compatible input
XTAL = Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com