Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-H/ST Datasheet(PDF) 145 Page - Microchip Technology

Part # PIC16F616-H/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-H/ST Datasheet(HTML) 145 Page - Microchip Technology

Back Button PIC16F616-H/ST Datasheet HTML 141Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 142Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 143Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 144Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 145Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 146Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 147Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 148Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 214 page
background image
© 2009 Microchip Technology Inc.
DS41288F-page 145
PIC16F610/616/16HV610/616
FIGURE 15-3:
PIC16F610/616 FREQUENCY TOLERANCE GRAPH,
-40°C
≤ TA ≤ +125°C
FIGURE 15-4:
PIC16HV610/616 FREQUENCY TOLERANCE GRAPH,
-40°C
≤ TA ≤ +125°C
125
25
2.0
0
60
85
VDD (V)
4.0
5.0
4.5
2.5
3.0
3.5
5.5
± 1%
± 2%
± 5%
-40
125
25
2.0
0
60
85
VDD (V)
4.0
5.0
4.5
2.5
3.0
3.5
± 1%
± 2%
± 5%
-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com