Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-H/ST Datasheet(PDF) 150 Page - Microchip Technology

Part # PIC16F616-H/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-H/ST Datasheet(HTML) 150 Page - Microchip Technology

Back Button PIC16F616-H/ST Datasheet HTML 146Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 147Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 148Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 149Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 150Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 151Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 152Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 153Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 214 page
background image
PIC16F610/616/16HV610/616
DS41288F-page 150
© 2009 Microchip Technology Inc.
15.5
DC Characteristics:
PIC16F610/616-E (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Device Characteristics
Min
Typ†
Max
Units
Conditions
VDD
Note
D020E
Power-down Base
Current (IPD)(2)
PIC16F610/616
—
0.05
4.0
μA
2.0
WDT, BOR, Comparators, VREF and
T1OSC disabled
—
0.15
5.0
μA3.0
—
0.35
8.5
μA5.0
D021E
—
0.5
5.0
μA
2.0
WDT Current(1)
—2.5
8.0
μA3.0
—9.5
19
μA5.0
D022E
—
5.0
15
μA
3.0
BOR Current(1)
—6.0
19
μA5.0
D023E
—
105
130
μA
2.0
Comparator Current(1), both
comparators enabled
—110
140
μA3.0
—116
150
μA5.0
D024E
—
50
70
μA
2.0
Comparator Current(1), single
comparator enabled
—55
75
μA3.0
—60
80
μA5.0
D025E
—
30
40
μA2.0
CVREF Current(1) (high range)
—45
60
μA3.0
—75
105
μA5.0
D026E*
—
39
50
μA2.0
CVREF Current(1) (low range)
—59
80
μA3.0
—98
130
μA5.0
D027E
—
5.5
16
μA
2.0
T1OSC Current(1), 32.768 kHz
—7.0
18
μA3.0
—8.5
22
μA5.0
D028E
—
0.2
6.5
μA
3.0
A/D Current(1), no conversion in
progress
—0.36
10
μA5.0
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this
peripheral is enabled. The peripheral
Δ current can be determined by subtracting the base IDD or IPD
current from this limit. Max values should be used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is
measured with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com