Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F505-E/SL Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC16F505-E/SL
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-E/SL Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC16F505-E/SL Datasheet HTML 69Page - Microchip Technology PIC16F505-E/SL Datasheet HTML 70Page - Microchip Technology PIC16F505-E/SL Datasheet HTML 71Page - Microchip Technology PIC16F505-E/SL Datasheet HTML 72Page - Microchip Technology PIC16F505-E/SL Datasheet HTML 73Page - Microchip Technology PIC16F505-E/SL Datasheet HTML 74Page - Microchip Technology PIC16F505-E/SL Datasheet HTML 75Page - Microchip Technology PIC16F505-E/SL Datasheet HTML 76Page - Microchip Technology PIC16F505-E/SL Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 110 page
background image
© 2009 Microchip Technology Inc.
DS41236E-page 73
PIC12F508/509/16F505
TABLE 10-1:
DC CHARACTERISTICS: PIC12F508/509/16F505 (Industrial, Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature
-40°C
≤ TA ≤ +85°C (industrial)
-40°C
≤ TA ≤ +125°C (extended)
Operating voltage VDD range as described in DC specification
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
VIL
Input Low Voltage
I/O ports:
D030
with TTL buffer
Vss
—
0.8V
V
For all 4.5
≤ VDD ≤ 5.5V
D030A
Vss
—
0.15 VDD
V
Otherwise
D031
with Schmitt Trigger buffer
Vss
—
0.15 VDD
V
D032
MCLR, T0CKI
Vss
—
0.15 VDD
V
D033
OSC1 (in EXTRC)
Vss
—
0.15 VDD
V
(Note1)
D033
OSC1 (in HS)
Vss
—
0.3 VDD
V
(Note1)
D033
OSC1 (in XT and LP)
Vss
—
0.3
V
(Note1)
VIH
Input High Voltage
I/O ports:
—
D040
with TTL buffer
2.0
—
VDD
V4.5
≤ VDD ≤ 5.5V
D040A
0.25 VDD
+ 0.8
—VDD
V
Otherwise
D041
with Schmitt Trigger buffer
0.85 VDD
—VDD
V
For entire VDD range
D042
MCLR, T0CKI
0.85 VDD
—VDD
V
D043
OSC1 (in EXTRC)
0.85 VDD
—VDD
V
(Note1)
D043
OSC1 (in HS)
0.7 VDD
—VDD
V
(Note1)
D043
OSC1 (in XT and LP)
1.6
—
VDD
V
D070
IPUR
GPIO/PORTB weak pull-up
current(4)
50
250
400
μAVDD = 5V, VPIN = VSS
IIL
Input Leakage Current(2), (3)
D060
I/O ports
—
—
± 1
μAVss ≤ VPIN ≤ VDD, Pin at high-impedance
D061
GP3/RB3/MCLRI(5)
—± 0.7
± 5
μAVss ≤ VPIN ≤ VDD
D063
OSC1
—
—
± 5
μAVss ≤ VPIN ≤ VDD, XT, HS and LP oscillator
configuration
Output Low Voltage
D080
I/O ports/CLKOUT
—
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V, -40
°C to +85°C
D080A
—
—
0.6
V
IOL = 7.0 mA, VDD = 4.5V, -40
°C to +125°C
D083
OSC2
—
—
0.6
V
IOL = 1.6 mA, VDD = 4.5V, -40
°C to +85°C
D083A
—
—
0.6
V
IOL = 1.2 mA, VDD = 4.5V, -40
°C to +125°C
Output High Voltage
D090
I/O ports/CLKOUT(3)
VDD – 0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V, -40
°C to +85°C
D090A
VDD – 0.7
—
—
V
IOH = -2.5 mA, VDD = 4.5V, -40
°C to +125°C
D092
OSC2
VDD – 0.7
—
—
V
IOH = -1.3 mA, VDD = 4.5V, -40
°C to +85°C
D092A
VDD – 0.7
—
—
V
IOH = -1.0 mA, VDD = 4.5V, -40
°C to +125°C
Capacitive Loading Specs on
Output Pins
D100
OSC2 pin
—
—
15
pF
In XT, HS and LP modes when external clock is
used to drive OSC1.
D101
All I/O pins and OSC2
—
—
50
pF
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note
1:
In EXTRC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the PIC12F508/509/
16F505 be driven with external clock in RC mode.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent normal operating
conditions. Higher leakage current may be measured at different input voltages.
3:
Negative current is defined as coming out of the pin.
4:
The specification applies to all weak pull-up devices, including the weak pull-up on GP3/MCLR. The current listed will be the same
whether GP3/MCLR is configured as GP3 with a weak pull-up or enabled as MCLR.
5:
This specification applies when GP3/RB3/MCLR is configured as an input with pull-up disabled. The leakage current of the MCLR circuit
is higher than the standard I/O logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com