Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS3S-X0 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # HLS3S-X0
Description  Hook and Loop Cable Ties
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

HLS3S-X0 Datasheet(HTML) 2 Page - PANDUIT CORP.

  HLS3S-X0 Datasheet HTML 1Page - PANDUIT CORP. HLS3S-X0 Datasheet HTML 2Page - PANDUIT CORP. HLS3S-X0 Datasheet HTML 3Page - PANDUIT CORP. HLS3S-X0 Datasheet HTML 4Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rack application
Continuous rolls
HLS-15R10, HLS-15R6
■ Soft, premium material is safe to use on high performance cabling
■ Adjustable, releasable, and reusable up to hundreds of times
■ Broad selection of durable designs and sizes
■ Select ties are UL listed for use in plenum or air handling spaces
(such as ceiling voids and under floor areas) per NEC, Section
300-22 (C) and (D); flammability rating: UL 94V-2
■ A full range of colors; see Color Chart on page 4
Overhead application
Continuous rolls
HLS-15R6
Rack application
X-Out for #10 Truss Head Screw
Loop Tie: HLT2I-X0
Underfloor (Plenum application)
HLSP3S-X12
HLTP3I-X12
Part Number
Length
Width
Max.
Bundle Dia.
Min. Loop
Tensile Str.*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Ft.
m
In.
mm
In.
mm
Lbs.
N
Continuous Rolls – 15' and 75' Lengths – Can be cut to desired length, eliminating waste
HLM-15R0
15
4.6
.330
8.4
Various Various
18
80
1
10
HLS-15R0
15
4.6
.750
19.1
Various Various
50
222
1
10
HLS-75R0
75
22.9
.750
19.1
Various Various
50
222
1
10
TAK-TY ® Hook & Loop Cable Ties
Ordering Information
Available in eight colors
Convenient packaging (100 pcs.)
HLB2S-CO
Part Number
Length
Width
Max.
Bundle Dia.
Min. Loop
Tensile Str.*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
Lbs.
N
Loop Ties – Slot allows for pre-wrapping of bundles; X-Out allows for use with #10 truss head screw
HLT2I-X0
8.0
203
.500
12.7
1.91
49
40
178
10
100
HLT3I-X0
12.0
305
.500
12.7
3.18
81
40
178
10
100
UL Listed Loop Ties (Maroon) for plenum applications
HLTP2I-X12
8.0
203
.500
12.7
1.91
49
40
178
10
100
HLTP3I-X12
12.0
305
.500
12.7
3.18
81
40
178
10
100
UL Listed Loop Ties (Black) for plenum applications
HLTP2I-X0
8.0
203
.500
12.7
1.91
49
18
80
10
100
HLTP3I-X0
12.0
305
.500
12.7
3.18
81
18
80
10
100
Strip Ties – Perforated in convenient 6", 12", and 18" strips
HLS1.5S-X0
6.0
152
.750
19.1
1.50
38
50
222
10
100
HLS3S-X0
12.0
305
.750
19.1
3.20
81
50
222
10
100
HLS5S-X0
18.0
457
.750
19.1
5.00
127
50
222
10
100
Stacked Strip Ties – Eliminates cutting ties to length and staging them for each job
Rounded edges for installer safety - 100 pcs.
HLB2S-C0
7.0
178
.750
19.1
1.60
41
50
222
1
10
UL Listed Strip Ties (Maroon) for plenum applications
HLSP1.5S-X12
6.0
152
.750
19.1
1.50
38
50
222
10
100
HLSP3S-X12
12.0
305
.750
19.1
3.20
81
50
222
10
100
HLSP5S-X12
18.0
457
.750
19.1
5.00
127
50
222
10
100
UL Listed Strip Ties (Black) for plenum applications
HLSP1.5S-X0
6.0
152
.750
19.1
1.50
38
18
80
10
100
HLSP3S-X0
12.0
305
.750
19.1
3.20
81
18
80
10
100
HLSP5S-X0
18.0
457
.750
19.1
5.00
127
18
80
10
100
*Minimum 2'' overlap required to achieve loop tensile rating.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com