Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/SS Datasheet(PDF) 291 Page - Microchip Technology

Part # PIC16F883-E/SS
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SS Datasheet(HTML) 291 Page - Microchip Technology

Back Button PIC16F883-E/SS Datasheet HTML 287Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 288Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 289Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 290Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 291Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 292Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 293Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 294Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 295Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 328 page
background image
© 2009 Microchip Technology Inc.
DS41291F-page 289
PIC16F882/883/884/886/887
FIGURE 18-32:
COMPARATOR RESPONSE TIME (RISING EDGE)
FIGURE 18-33:
COMPARATOR RESPONSE TIME (FALLING EDGE)
V- input = Transition from VCM + 100MV to VCM - 20MV
V+ input = VCM
4
200
278
639
846
5.5
140
202
531
0
100
200
300
400
500
600
700
800
900
1,000
2.0
2.5
4.0
5.5
VDD (Volts)
Max. (85°C)
Typ. (25°C)
Min. (-40°C)
Max. (125°C)
Note:
V- input = Transition from VCM + 100MV to VCM - 20MV
V+ input = VCM
VCM = VDD - 1.5V)/2
Vdd
-40×C
25×C
85×C
125×C
2
279
327
547
557
2.5
226
267
425
440
4
172
204
304
319
5.5
119
142
182
0
100
200
300
400
500
600
2.0
2.5
4.0
5.5
VDD (Volts)
Max. (85°C)
Typ. (25°C)
Min. (-40°C)
Note:
V- input = Transition from VCM - 100MV to VCM + 20MV
V+ input = VCM
VCM = VDD - 1.5V)/2
Max. (125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com