Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/SS Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC16F883-E/SS
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SS Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC16F883-E/SS Datasheet HTML 15Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 16Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 17Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 18Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 19Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 20Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 21Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 22Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 328 page
background image
© 2009 Microchip Technology Inc.
DS41291F-page 17
PIC16F882/883/884/886/887
RB3/AN9/PGM/C12IN2-
RB3
TTL
CMOS
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN9
AN
—
A/D Channel 9.
PGM
ST
—
Low-voltage ICSP™ Programming enable pin.
C12IN2-
AN
—
Comparator C1 or C2 negative input.
RB4/AN11/P1D
RB4
TTL
CMOS
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN11
AN
—
A/D Channel 11.
P1D
—
CMOS
PWM output.
RB5/AN13/T1G
RB5
TTL
CMOS
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN13
AN
—
A/D Channel 13.
T1G
ST
—
Timer1 Gate input.
RB6/ICSPCLK
RB6
TTL
CMOS
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
ICSPCLK
ST
—
Serial Programming Clock.
RB7/ICSPDAT
RB7
TTL
CMOS
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
ICSPDAT
ST
CMOS
ICSP™ Data I/O.
RC0/T1OSO/T1CKI
RC0
ST
CMOS
General purpose I/O.
T1OSO
—
CMOS
Timer1 oscillator output.
T1CKI
ST
—
Timer1 clock input.
RC1/T1OSI/CCP2
RC1
ST
CMOS
General purpose I/O.
T1OSI
ST
—
Timer1 oscillator input.
CCP2
ST
CMOS
Capture/Compare/PWM2.
RC2/P1A/CCP1
RC2
ST
CMOS
General purpose I/O.
P1A
—
CMOS
PWM output.
CCP1
ST
CMOS
Capture/Compare/PWM1.
RC3/SCK/SCL
RC3
ST
CMOS
General purpose I/O.
SCK
ST
CMOS
SPI clock.
SCL
ST
OD
I2C™ clock.
RC4/SDI/SDA
RC4
ST
CMOS
General purpose I/O.
SDI
ST
—
SPI data input.
SDA
ST
OD
I2C data input/output.
RC5/SDO
RC5
ST
CMOS
General purpose I/O.
SDO
—
CMOS
SPI data output.
RC6/TX/CK
RC6
ST
CMOS
General purpose I/O.
TX
—
CMOS
EUSART asynchronous transmit.
CK
ST
CMOS
EUSART synchronous clock.
RC7/RX/DT
RC7
ST
CMOS
General purpose I/O.
RX
ST
—
EUSART asynchronous input.
DT
ST
CMOS
EUSART synchronous data.
RE3/MCLR/VPP
RE3
TTL
—
General purpose input.
MCLR
ST
—
Master Clear with internal pull-up.
VPP
HV
—
Programming voltage.
VSS
VSS
Power
—
Ground reference.
VDD
VDD
Power
—
Positive supply.
TABLE 1-1:
PIC16F882/883/886 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend:
AN
= Analog input or output
CMOS = CMOS compatible input or output
OD = Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels
HV
= High Voltage
XTAL
= Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com