Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT200 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # INT200
Description  Low-side Drive and High-side Control with Simultaneous Conduction Lockout
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT200 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  INT200 Datasheet HTML 1Page - Power Integrations, Inc. INT200 Datasheet HTML 2Page - Power Integrations, Inc. INT200 Datasheet HTML 3Page - Power Integrations, Inc. INT200 Datasheet HTML 4Page - Power Integrations, Inc. INT200 Datasheet HTML 5Page - Power Integrations, Inc. INT200 Datasheet HTML 6Page - Power Integrations, Inc. INT200 Datasheet HTML 7Page - Power Integrations, Inc. INT200 Datasheet HTML 8Page - Power Integrations, Inc. INT200 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
INT200
F
1/96
4
General Circuit Operation
One phase of a three-phase brushless
DC motor drive circuit is shown in Figure
4 to illustrate an application of the
INT200/201. The LS IN signal directly
controls MOSFET Q1. The
HSINsignal
causes the INT200 to command the
INT201 to turn MOSFET Q2 on or off as
required. The INT200 will ignore input
signals that would command both Q1
and Q2 to conduct simultaneously,
protecting against shorting the HV+ bus
to HV-.
Local bypassing for the low-side driver
is provided by C1. Bootstrap bias for the
high-side driver is provided by D1 and
C2. Slew rate and effects of parasitic
oscillations in the load waveforms are
controlled by resistors R1 and R2.
The inputs are designed to be compatible
with 5 V CMOS logic levels and should
not be connected to V
DD. Normal CMOS
power supply sequencing should be
observed. The order of signal application
should be V
DD, logic signals, and then
HV+. V
DD should be supplied from a
low impedance voltage source.
The length of time that the high-side can
remain on is limited by the size of the
bootstrap capacitor. Applications with
extremely long high-side on times
require special techniques discussed in
AN-10.
Figure 6. Using the INT200 and INT201 to Drive a Fluorescent Lamp.
PI-1462-042695
HV+
VDD
12
34
87
65
12
34
87
65
INT201
INT200
OSCILLATOR
FLUORESCENT
LAMP
HV-
Maximum frequency of operation is
limited by power dissipation due to high-
voltage switching, gate charge, and bias
power. Figure 5 indicates the maximum
switching frequency as a function of
input voltage and gate charge. For higher
ambient temperatures, the switching
frequency should be derated linearly.
Figure 5. Switching Frequency versus Gate Charge for a) PDIP and b) SOIC.
100
0
0
100
200
Gate Charge (nC)
200
300
400
VIN = 200 V
VIN = 300 V
VIN = 400 V
SOIC
100
0
0
100
200
Gate Charge (nC)
200
300
400
VIN = 200 V
VIN = 300 V
VIN = 400 V
PDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com