Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPTR0500AP2VN-R120 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # PPTR0500AP2VN-R120
Description  Precision Pressure Transducer Ruggedized (PPTR) - Submersible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

PPTR0500AP2VN-R120 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  PPTR0500AP2VN-R120 Datasheet HTML 1Page - Honeywell Solid State Electronics Center PPTR0500AP2VN-R120 Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PPTR Submersible
Signal Name
1 RS-232 (TD) / RS-485 (B)
2 RS-232 (RD) / RS-485 (A)
3 Case Ground
4 Common Ground (GD)
5 DC P ower In
6 Unused - Do Not Connect
SPECIFICATIONS
CASE OUTLINE: Dimensions: inches [cm]
ORDERING INFORMATION
SUBMERSIBLE CONNECTOR PINOUT DIAGRAM
Find out more
For more information on Honeywell’s Precision Pressure Transducers visit us online at www.honeywell.com/pressuresensing
or contact us at 800-323-8295 or 763-954-2474. Customer Service Email: ps.customer.support@honeywell.com.
Honeywell reserves the right to make changes to improve reliability, function or design. Honeywell does not assume any liability arising out of the application or use of any product or
circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
SEA CON
® is a registered trademark of Brantner & Associates, Inc.
Delrin
® is a registered trademark of E.I. du Pont de Nemours and Company or its affiliates.
Performance Specifications
(1)
Total Band Error: (from -4 to 60 C )
Digital: ±0.07% FS Max.
(2)
Temperature: ±1ºC (at sensing element)
Temperature Range:
Operating -4 to 60ºC (-24 to 140ºF)
Storage: -40 to 90ºC (-40 to 194ºF)
Sample Rate
(5): 8.33ms to 51.2 min
Resolution:
Digital: Up to 0.001% FS
Response Delay:
(1000/update rate) +1ms, minimum 17ms
Mechanical Specifications
Pressure Ranges and Type:
See Ordering Information
Pressure Units
(5)
:
atm, bar, cmwc, ftwc, hPa, inHg,
inwc, kg/cm², KPa, mBar, mmHg, MPa, mwc, psi,
user, Icom, pfs
Media Compatibility: Suitable for media compatible
with 316 stainless steel
(6)
Weight: 15 oz. (424 g) with Delrin
® protective cap
Electrical Specifications
Output:
RS-232 Digital
RS-485 Digital
Power Requirements:
Supply Voltage: 6 to 30 VDC
Operating Current: 19-27mA
Baud Rate
(5)
:
1200, 2400, 4800, 9600,
14400, 19200, 28800
Environmental Features
(3)(4)
Overpressure: 3x FS, maximum 6000psi
Burst Pressure: 3x FS, maximum 8500psi
PPTR Precision Pressure Transducer Ruggedized – Submersible Option
FULL SCALE PRESSURE RANGE
Absolute
0040 40 PSI
0100 100 PSI
0300 300 PSI
0500 500 PSI
1000 1000 PSI
1500 1500 PSI
3000 3000 PSI
TYPE
P1 Pressure
A
Absolute
0(vacuum) to FS
P1 PRESSURE CONNECTION
P
¼ - 18 NPT (internal)
OUTPUTS
2V
RS-232 digital
5V
RS-485 digital
ELECTRICAL CONFIGURATION AND CONNECTION
N
Not Applicable
(4)
OPTIONS
R111 Submersible Option
(4)
R120 Submersible Option, includes black protective
Delrin
® cap over pressure fitting.
PPTR 3000 A P 2V N -R111
Honeywell Aerospace
Honeywell International Inc.
12001 Highway 55
Plymouth, MN 55441
www.honeywell.com
ADS-14183
July 2009
©2009 Honeywell International Inc.
(1) Total Error Band is the sum of worst case linearity,
repeatability, hysteresis, thermal effects and calibration
errors from -4 to 60ºC. Calibration is traceable to NIST.
(2) Consult factory for other pressure range or accuracy
options.
(3)
Exposure
to
overpressure
will
not
permanently affect calibration or accuracy of unit.
Exceeding burst pressure may result in media escape.
(4) SEA CON
® connector MC-BH-6-M Micro WET-CON.
Mates with SEA CON
®
Micro WET-CON MC-IL-6-F
connector with MC-DLS-F locking sleeve. (5) User
configurable. (6) For compatibility with various liquids,
please note the materials used for manufacturing the
connector and protective cap consist of Hypalon, SS316L
and Delrin 150.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com