Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1933-E/SP Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC16F1933-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/SP Datasheet(HTML) 4 Page - Microchip Technology

  PIC16F1933-E/SP Datasheet HTML 1Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 2Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 3Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 4Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 5Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 6Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 7Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 8Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 508 page
background image
PIC16F193X/LF193X
DS41364D-page 4
Preliminary
 2009 Microchip Technology Inc.
Peripheral Features (Continued):
• Master Synchronous Serial Port (MSSP) with SPI
and I2CTM with:
- 7-bit address masking
- SMBUS/PMBUSTM compatibility
- Auto-wake-up on start
• Enhanced Universal Synchronous Asynchronous
Receiver Transmitter (EUSART)
- RS-232, RS-485 and LIN compatible
- Auto-Baud Detect
• SR Latch (555 Timer):
- Multiple Set/Reset input options
- Emulates 555 Timer applications
• 2 Comparators:
- Rail-to-rail inputs/outputs
- Power mode control
- Software enable hysteresis
• Voltage Reference module:
- Fixed Voltage Reference (FVR) with 1.024V,
2.048V and 4.096V output levels
- 5-bit rail-to-rail resistive DAC with positive
and negative reference selection
PIC16F193X/LF193X Family Types
PIC16F1933
PIC16LF1933
4096
256
256
25
11
8
2
4/1
Yes
Yes
3
2
16(1)/4
PIC16F1934
PIC16LF1934
4096
256
256
36
14
16
2
4/1
Yes
Yes
3
2
24/4
PIC16F1936
PIC16LF1936
8192
256
512
25
11
8
2
4/1
Yes
Yes
3
2
16(1)/4
PIC16F1937
PIC16LF1937
8192
256
512
36
14
16
2
4/1
Yes
Yes
3
2
24/4
PIC16F1938
PIC16LF1938
16384
256
1024
25
11
8
2
4/1
Yes
Yes
3
2
16(1)/4
PIC16F1939
PIC16LF1939
16384
256
1024
36
14
16
2
4/1
Yes
Yes
3
2
24/4
Note
1:
COM3 and SEG15 share the same physical pin on PIC16F1933/1936/1938/PIC16LF1933/1936/1938, therefore,
SEG15 is not available when using 1/4 multiplex displays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com