Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA216 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA216
Description  Small size,Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA216 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA216 Datasheet HTML 9Page - Texas Instruments INA216 Datasheet HTML 10Page - Texas Instruments INA216 Datasheet HTML 11Page - Texas Instruments INA216 Datasheet HTML 12Page - Texas Instruments INA216 Datasheet HTML 13Page - Texas Instruments INA216 Datasheet HTML 14Page - Texas Instruments INA216 Datasheet HTML 15Page - Texas Instruments INA216 Datasheet HTML 16Page - Texas Instruments INA216 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
INA216
www.ti.com
SBOS503B – JUNE 2010 – REVISED JUNE 2010
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (June, 2010) to Revision B
Page
•
Removed product preview status of INA216A2, INA216A3, and INA216A4 devices ........................................................... 2
•
Added offset voltage specifications for INA216A2, INA216A3, and INA216A4 .................................................................... 4
•
Added gain and gain error specifications for INA216A2, INA216A3, and INA216A4 ........................................................... 4
•
Added bandwidth specifications for INA216A2, INA216A3, and INA216A4 ......................................................................... 4
•
Updated graph grid for Figure 2 through Figure 5 ................................................................................................................ 6
•
Revised Table 1 and Table 2 .............................................................................................................................................. 11
•
Changed description of nominal current into IN+ pin to 13mA and bias current into IN– pin to 3mA .................................. 12
Changes from Original (June, 2010) to Revision A
Page
•
Changed offset voltage vs temperature specification ........................................................................................................... 4
•
Changed gain error vs temperature specification and units ................................................................................................. 4
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): INA216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com