Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT202TFI2 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # INT202TFI2
Description  Low-side Drive and High-side Control for Simultaneous Conduction
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT202TFI2 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  INT202TFI2 Datasheet HTML 1Page - Power Integrations, Inc. INT202TFI2 Datasheet HTML 2Page - Power Integrations, Inc. INT202TFI2 Datasheet HTML 3Page - Power Integrations, Inc. INT202TFI2 Datasheet HTML 4Page - Power Integrations, Inc. INT202TFI2 Datasheet HTML 5Page - Power Integrations, Inc. INT202TFI2 Datasheet HTML 6Page - Power Integrations, Inc. INT202TFI2 Datasheet HTML 7Page - Power Integrations, Inc. INT202TFI2 Datasheet HTML 8Page - Power Integrations, Inc. INT202TFI2 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
F
2/96
INT202
3
INT202 Functional Description
5 V Regulator
The 5 V linear regulator circuit provides
the supply voltage for the control logic
and high-voltage level shift circuit. This
allows the logic section to be directly
compatible with 5 V CMOS logic
without the need of an external 5 V
supply.
Undervoltage Lockout
The undervoltage lockout circuit disables
the LS OUT pin and both HSD pins
whenever the V
DD power supply falls
below typically 9.0 V, and maintains
this condition until the V
DD power supply
rises above typically 9.35 V.
This
guarantees that both MOSFETs will
remain off during power-up or fault
conditions.
HSD1/HSD2
The HSD1 and HSD2 outputs are
connected to integrated high-voltage N-
channel MOSFET transistors which
perform the level-shifting function for
communication to the high-side driver.
Controlled current capability allows the
drain voltage to float with the high-side
driver. Two individual channels produce
a true differential communication
channel for accurately controlling the
high-side driver in the presence of fast
moving high-voltage waveforms.
Pulse Circuit
The pulse circuit provides the two high-
voltage level shifters with precise timing
signals. Two pulses are sent over HSD1
to signal the high-side driver to turn on.
One pulse is sent over HSD2 to signal
the high-side driver to turn off. The
combination
of
differential
communication with the precise timing
provides maximum immunity to noise.
Driver
The CMOS drive circuit provides drive
power to the gate of the MOSFET used
on the low side of the half bridge circuit.
The driver consists of a CMOS buffer
capable of driving an external transistor
gate at up to 15 V.
3
Figure 4. Using the INT202 and INT201 to Drive a Switched Reluctance Motor.
PI-1473-042695
HV+
VDD
CONTROL
HV-
12
34
87
65
12
34
87
65
INT201
INT202
PHASE 1
PHASE 2
PHASE 3
3-PHASE
SRM
D1
C2
C1
R1
R2
D2
D3
Q2
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com