Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7520 Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO7520
Description  Low-Power 5 KV(rms) Dual Digital Isolators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7520 Datasheet(HTML) 3 Page - Texas Instruments

  ISO7520 Datasheet HTML 1Page - Texas Instruments ISO7520 Datasheet HTML 2Page - Texas Instruments ISO7520 Datasheet HTML 3Page - Texas Instruments ISO7520 Datasheet HTML 4Page - Texas Instruments ISO7520 Datasheet HTML 5Page - Texas Instruments ISO7520 Datasheet HTML 6Page - Texas Instruments ISO7520 Datasheet HTML 7Page - Texas Instruments ISO7520 Datasheet HTML 8Page - Texas Instruments ISO7520 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ISO7520
ISO7521
www.ti.com
SLLSE39 – JUNE 2010
THERMAL INFORMATION
ISO752xC
THERMAL METRIC
DW
UNITS
16 PINS
qJA
Junction-to-ambient thermal resistance(1)
79.9
qJCtop
Junction-to-case (top) thermal resistance(2)
44.6
qJB
Junction-to-board thermal resistance(3)
51.2
°C/W
yJT
Junction-to-top characterization parameter(4)
18.0
yJB
Junction-to-board characterization parameter(5)
42.2
qJCbot
Junction-to-case (bottom) thermal resistance(6)
n/a
PD
Device power dissipation, Vcc1 = Vcc2 = 5.25 V, TJ = 150°C, CL = 15 pF, Input a 0.5
42
mW
MHz 50% duty cycle square wave
(1)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(2)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(3)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(4)
The junction-to-top characterization parameter, yJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining qJA, using a procedure described in JESD51-2a (sections 6 and 7).
(5)
The junction-to-board characterization parameter, yJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining qJA , using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VCC1, VCC2
Supply voltage - 3.3V Operation
3.15
3.3
3.45
V
Supply voltage - 5V Operation
4.75
5
5.25
IOH
High-level output current
–4
mA
IOL
Low-level output current
4
mA
VIH
High-level output voltage
2
VCC
V
VIL
Low-level output voltage
0
0.8
V
TA
Ambient Temperature
-40
105
°C
TJ
(1)
Junction temperature
–40
136
°C
1/tui
Signaling rate
0
1
Mbps
tui
Input pulse duration
1
us
(1)
To maintain the recommended operating conditions for TJ, see the Package Thermal Characteristics table and the Icc Equations section
of this data sheet
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ISO7520 ISO7521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com