Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7521 Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO7521
Description  Low-Power 5 KV(rms) Dual Digital Isolators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7521 Datasheet(HTML) 2 Page - Texas Instruments

  ISO7521 Datasheet HTML 1Page - Texas Instruments ISO7521 Datasheet HTML 2Page - Texas Instruments ISO7521 Datasheet HTML 3Page - Texas Instruments ISO7521 Datasheet HTML 4Page - Texas Instruments ISO7521 Datasheet HTML 5Page - Texas Instruments ISO7521 Datasheet HTML 6Page - Texas Instruments ISO7521 Datasheet HTML 7Page - Texas Instruments ISO7521 Datasheet HTML 8Page - Texas Instruments ISO7521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ISO7520
ISO7521
SLLSE39 – JUNE 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DEVICE FUNCTION TABLE
INPUT SIDE (VCC)(1)
OUTPUT SIDE (VCC)(1)
INPUT (IN)(1)
OUTPUT (OUT)(1)
H
H
PU
PU
L
L
Open
H
PD
PU
X
H
(1)
PU = Powered Up (Vcc
≥ 3.15V); PD = Powered Down (Vcc ≤ 2.4V); X = Irrelevant; H = High Level; L
= Low Level
AVAILABLE OPTIONS
PRODUCT
RATED TA
MARKED AS
ORDERING NUMBER
ISO7520CDW (rail)
ISO7520C
–40°C to 105°C
ISO7520CDW
ISO7520CDWR (reel)
ISO7521CDW (rail)
ISO7521C
–40°C to 105°C
ISO7521CDW
ISO7521CDWR (reel)
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
VCC
Supply voltage(2), VCC1, VCC2
–0.5 V to 6
V
VI
Voltage at IN, OUT
–0.5 V to 6
V
IO
Output Current
±15
mA
JEDEC Standard 22, Test Method
Human Body Model
±4
kV
A114-C.01
Electrostatic
ESD
Field-Induced-Charged Device
All pins
discharge
JEDEC Standard 22, Test Method C101
±1
kV
Model
Machine Model
ANSI/ESDS5.2-1996
±200
V
TJ
Maximum junction temperature
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to network ground terminal and are peak voltage values.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): ISO7520 ISO7521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com