Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1366 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1366
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1366 Datasheet(HTML) 2 Page - Linear Technology

  LT1366_10 Datasheet HTML 1Page - Linear Technology LT1366_10 Datasheet HTML 2Page - Linear Technology LT1366_10 Datasheet HTML 3Page - Linear Technology LT1366_10 Datasheet HTML 4Page - Linear Technology LT1366_10 Datasheet HTML 5Page - Linear Technology LT1366_10 Datasheet HTML 6Page - Linear Technology LT1366_10 Datasheet HTML 7Page - Linear Technology LT1366_10 Datasheet HTML 8Page - Linear Technology LT1366_10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1366/LT1367
LT1368/LT1369

1366fb
pin conFiguraTion
absoluTe MaxiMuM raTings
Total Supply Voltage (V+ to V)................................ 36V
Input Current....................................................... ±15mA
Output Short-Circuit Duration (Note 2)........ Continuous
Operating Temperature Range .............. –40°C to 85°C
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1366CN8#PBF
LT1366CN8#TRPBF
1366
8-Lead PDIP
0°C to 70°C
LT1366CS8#PBF
LT1366CS8#TRPBF
1366
8-Lead Plastic S0
0°C to 70°C
LT1367CS#PBF
LT1367CS#TRPBF
LT1367CS
14-Lead Plastic S0
0°C to 70°C
LT1368CN8#PBF
LT1368CN8#TRPBF
1368
8-Lead PDIP
0°C to 70°C
LT1368CS8#PBF
LT1368CS8#TRPBF
1368
8-Lead Plastic S0
0°C to 70°C
LT1369CS#PBF
LT1369CS#TRPBF
LT1369CS
14-Lead Plastic S0
0°C to 70°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
LT1366/LT1368
LT1367/LT1369
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V
V+
OUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
A
B
TJMAX = 150°C, θJA = 130°C/W (N8)
TJMAX = 150°C, θJA = 190°C/W (S8)
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V
+IN C
– IN C
OUT C
A
B
D
C
TJMAX = 150°C, θJA = 150°C/W
Specified Temperature Range ...................... 0°C to 70°C
Junction Temperature ......................................... 150°C
Storage Temperature Range ................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
aVailable opTions
PRODUCT NUMBER
NUMBER OF OP AMPS
LOAD CAPACITANCE
MAX VOS (25°C)
AT VS = 5V, 0V
ORDER PART NUMBER
PLASTIC (N)
SURFACE MOUNT(S)
LT1366
2
0pF < CL < 1000pF
475µV
LT1366CN8
LT1366CS8
LT1367
4
0pF < CL < 1000pF
800µV
LT1367CS
LT1368
2
CL = 0.1µF
475µV
LT1368CN8
LT1368CS8
LT1369
4
CL = 0.1µF
800µV
LT1369CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com