Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1366 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1366
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1366 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1366 Datasheet HTML 9Page - Linear Technology LT1366 Datasheet HTML 10Page - Linear Technology LT1366 Datasheet HTML 11Page - Linear Technology LT1366 Datasheet HTML 12Page - Linear Technology LT1366 Datasheet HTML 13Page - Linear Technology LT1366 Datasheet HTML 14Page - Linear Technology LT1366 Datasheet HTML 15Page - Linear Technology LT1366 Datasheet HTML 16Page - Linear Technology LT1366 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT1366/LT1367
LT1368/LT1369

1366fb
applicaTions inForMaTion
Improved Supply Rejection in the LT1368/LT1369
The LT1368/LT1369 are variations of the LT1366/LT1367
offering greater supply rejection and lower high frequency
outputimpedance.TheLT1368/LT1369requirea0.1µFload
capacitance for compensation. The output capacitance
forms a filter, which reduces pickup from the supply and
lowers the output impedance. This additional filtering is
helpfulinmixedanalog/digitalsystemswithcommonsup-
plies, or systems employing switching supplies. Filtering
alsoreduceshighfrequencynoise,whichmaybebeneficial
when driving A/D converters.
Figure4showstheoutputsoftheLT1366/LT1368perturbed
by a 200mVP-P 50kHz square wave added to the positive
supply. The LT1368’s power supply rejection is about ten
times greater than that of the LT1366 at 50kHz. Note the
5-to-1 scale change in the output voltage traces.
The tolerance of the external compensation capacitor is
not critical. The plots of Overshoot vs Load Current in the
Typical Performance Characteristics section illustrate the
effect of a capacitive load.
2µs/DIV
VOUT
100mV/DIV
V+ (AC)
100mV/DIV
LT1366 F04a
2µs/DIV
VOUT
20mV/DIV
V+ (AC)
100mV/DIV
LT1366 F04b
Figure 4a. LT1366 Power Supply Rejection Test
Figure 4b. LT1368 Power Supply Rejection Test
Typical applicaTions
Buffering A/D Converters
Figure 5 shows the LT1368 driving an LTC®1288 2-chan-
nel micropower A/D converter (ADC). The LTC1288 can
accommodate voltage references and input signals equal
to the supply rails. The sampling nature of this ADC
eliminates the need for an external sample-and-hold, but
may call for a drive amplifier because of the ADC’s 12µs
settling requirement. The LT1368’s rail-to-rail operation
and low input offset voltage make it well-suited for low
power, low frequency A/D applications. Either the LT1366
or LT1368 could be used for this application. However,
for low frequencies (f < 1kHz) the LT1368 provides better
supply rejection.
CS/SHDN
CH0
CH1
GND
VCC (REF)
CLK
DOUT
DIN
LTC1288
–
+
–
+
TO µP
1µF
0.1µF
0.1µF
VCC
V0
V1
1/2 LT1368
1/2 LT1368
0.1µF
LT1366 FO5
Figure 5. 2-Channel Low Power A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com