Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1368CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1368CS8
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1368CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1368CS8 Datasheet HTML 4Page - Linear Technology LT1368CS8 Datasheet HTML 5Page - Linear Technology LT1368CS8 Datasheet HTML 6Page - Linear Technology LT1368CS8 Datasheet HTML 7Page - Linear Technology LT1368CS8 Datasheet HTML 8Page - Linear Technology LT1368CS8 Datasheet HTML 9Page - Linear Technology LT1368CS8 Datasheet HTML 10Page - Linear Technology LT1368CS8 Datasheet HTML 11Page - Linear Technology LT1368CS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT1366/LT1367
LT1368/LT1369

1366fb
Typical perForMance characTerisTics
Supply Current vs Temperature
Supply Current vs Supply Voltage
Input Bias Current
vs Common Mode Voltage
Input Bias Current
vs Temperature
Output Saturation Voltage vs
Load Current (Output High)
Output Saturation Voltage vs
Load Current (Output Low)
PNP Stage VOS Distribution
(LT1366/LT1368)
NPN Stage VOS Distribution
(LT1366/LT1368)
∆VOS-Shift Between PNP and NPN
Stages (LT1366/LT1368)
(The data presented here applies to the LT1366/LT1367/LT1368/LT1369 unless otherwise noted.)
INPUT OFFSET VOLTAGE (µV)
–350
20
25
30
–150
50
LT1366 TPC03
15
10
–250
–50
150
350
250
5
0
N-PACKAGE
VS = 5V, 0V
VCM = 0V
INPUT OFFSET VOLTAGE (µV)
–350
20
25
30
–150
50
LT1366 TPC02
15
10
–250
–50
150
350
250
5
0
N-PACKAGE
VS = 5V, 0V
VCM = 5V
INPUT OFFSET VOLTAGE (µV)
–350
20
25
30
–150
50
LT1366 TPC01
15
10
–250
–50
150
350
250
5
0
N-PACKAGE
VS = 5V, 0V
VCM = 0V TO 5V
TEMPERATURE (°C)
–50
300
400
500
70
LT1366 TPC04
200
100
0
–20
–35
–5
25
55
85
10
40
100
VS = ±15V
VS = 5V, 0V
TOTAL SUPPLY VOLTAGE (V)
0
600
500
400
300
200
100
0
8
16 20
36
LT1366 TPC05
4
12
24 28 32
TA = –55°C
TA = 125°C
TA = 25°C
COMMON MODE VOLTAGE (V)
10
20
LT1366 TPC06
0
–10
–20
0
2
4
5
15
–5
–15
5
6
–1
–2
1
3
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C
TEMPERATURE (°C)
–50
10
30
50
40
20
0
–20
–40
70
LT1366 TPC07
–10
–30
–50
–20
–35
–5
25
55
85
10
40
100
VS = 5V, 0V, VCM = 5V
VS = 5V, 0V, VCM = 0V
VS = ±15V, VCM = 15V
VS = ±15V, VCM = –15V
LOAD CURRENT (mA)
0.001
100
1000
0.01
0.1
1
10
LT1366 TPC08
10
1
TA = 85°C
TA = –55°C
TA = 25°C
LOAD CURRENT (mA)
0.001
100
1000
0.01
0.1
1
10
LT1366 TPC09
10
1
TA = 85°C
TA = –55°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com